Electronic Components Datasheet Search
  English  ▼

X  

0824322 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0824322
Description  EML (26,5X7,5)R SR CUS - Label
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0824322 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0824322 Datasheet HTML 1Page - PHOENIX CONTACT 0824322 Datasheet HTML 2Page - PHOENIX CONTACT 0824322 Datasheet HTML 3Page - PHOENIX CONTACT 0824322 Datasheet HTML 4Page - PHOENIX CONTACT 0824322 Datasheet HTML 5Page - PHOENIX CONTACT 0824322 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Label, can be ordered: by line, silver/matt, labeled according to customer specifications,
mounting type: adhesive, text field height: 7.5 mm, text field width: 26.5 mm
Your advantages
The EML … self-adhesive device markers are particularly suitable for identification of various types of equipment in controller, system, and control
cabinet building
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
The EML ... materials are UL-listed
•
A wide range of marker sizes and colors are available for custom designs
•
Labeling service: Phoenix Contact can custom-label all EM ... markers in accordance with your requirements
•
Commercial data
Item number
0824322
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8141
GTIN
4046356351881
Weight per piece (including packing)
1.99 g
Weight per piece (excluding packing)
1.99 g
Country of origin
PL
EML (26,5X7,5)R SR CUS - Label
0824322
https://www.phoenixcontact.com/us/products/0824322
Jun 17, 2025, 6:39AM
Page 1 (6)


Similar Part No. - 0824322

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824320 PHOENIX-0824320 Datasheet
190Kb / 6P
EML (26,5X18,5)R SR CUS - Label
0824321 PHOENIX-0824321 Datasheet
191Kb / 6P
EML (26,5X26,5)R SR CUS - Label
0824323 PHOENIX-0824323 Datasheet
200Kb / 8P
EML (30X20)R CUS - Label
0824324 PHOENIX-0824324 Datasheet
203Kb / 8P
EML (30X20)R YE CUS - Label
0824327 PHOENIX-0824327 Datasheet
198Kb / 8P
EML (38,1X19)RL CUS - Label
More results

Similar Description - 0824322

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803187 PHOENIX-0803187 Datasheet
48Kb / 3P
Label - EML-RS (45,7X45,7)R SR
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0801994 PHOENIX-0801994 Datasheet
50Kb / 4P
Label - EML (110XE)R SR
0802697 PHOENIX-0802697 Datasheet
49Kb / 3P
Label - EML (100X40)R SR
0803975 PHOENIX-0803975 Datasheet
52Kb / 2P
Label - MM-EML (EX12)R C1 SR/BK
0815596 PHOENIX-0815596 Datasheet
47Kb / 3P
Label - EML (110XE)R
0830483 PHOENIX-0830483 Datasheet
49Kb / 3P
Label - EML (50X10)R
1116113 PHOENIX-1116113 Datasheet
54Kb / 2P
Label - MM-EML (EX14)R C1 SR/BK
1054877 PHOENIX-1054877 Datasheet
54Kb / 2P
Label - EML-D (40X15)R SR
09/12/2020
1054879 PHOENIX-1054879 Datasheet
54Kb / 2P
Label - EML-D (60X30)R SR
09/12/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com