Electronic Components Datasheet Search
  English  ▼

X  

0824342 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0824342
Description  EML (70X32)R YE CUS - Label
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0824342 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0824342 Datasheet HTML 1Page - PHOENIX CONTACT 0824342 Datasheet HTML 2Page - PHOENIX CONTACT 0824342 Datasheet HTML 3Page - PHOENIX CONTACT 0824342 Datasheet HTML 4Page - PHOENIX CONTACT 0824342 Datasheet HTML 5Page - PHOENIX CONTACT 0824342 Datasheet HTML 6Page - PHOENIX CONTACT 0824342 Datasheet HTML 7Page - PHOENIX CONTACT 0824342 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Label, can be ordered: by line, yellow, labeled according to customer specifications, mounting
type: adhesive, text field height: 32 mm, text field width: 70 mm
Your advantages
The EML … self-adhesive device markers are particularly suitable for identification of various types of equipment in controller, system, and control
cabinet building
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
The EML ... materials are UL-listed
•
A wide range of marker sizes and colors are available for custom designs
•
Labeling service: Phoenix Contact can custom-label all EM ... markers in accordance with your requirements
•
Commercial data
Item number
0824342
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8141
GTIN
4046356352062
Weight per piece (including packing)
1.99 g
Weight per piece (excluding packing)
1.99 g
Country of origin
PL
EML (70X32)R YE CUS - Label
0824342
https://www.phoenixcontact.com/us/products/0824342
Jun 17, 2025, 7:33AM
Page 1 (8)


Similar Part No. - 0824342

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824340 PHOENIX-0824340 Datasheet
198Kb / 8P
EML (70X32)R CUS - Label
0824341 PHOENIX-0824341 Datasheet
188Kb / 6P
EML (70X32)R SR CUS - Label
0824343 PHOENIX-0824343 Datasheet
198Kb / 8P
EML (70X50)R CUS - Label
0824344 PHOENIX-0824344 Datasheet
188Kb / 6P
EML (70X50)R SR CUS - Label
0824346 PHOENIX-0824346 Datasheet
199Kb / 8P
EML (90X5)R CUS - Label
More results

Similar Description - 0824342

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0830486 PHOENIX-0830486 Datasheet
55Kb / 4P
Label - EML (75X10)R YE
0803815 PHOENIX-0803815 Datasheet
52Kb / 2P
Label - US-EML (16,5X5) YE
0803817 PHOENIX-0803817 Datasheet
52Kb / 2P
Label - US-EML (15X6) YE
0803819 PHOENIX-0803819 Datasheet
52Kb / 2P
Label - US-EML (16X7) YE
0815606 PHOENIX-0815606 Datasheet
48Kb / 3P
Label - EML (110XE)R YE
0830607 PHOENIX-0830607 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (70X32)R
0830618 PHOENIX-0830618 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (70X32)R SR
1116052 PHOENIX-1116052 Datasheet
55Kb / 2P
Label - MM-EML (EX10)R C1 YE/BK
1116114 PHOENIX-1116114 Datasheet
55Kb / 2P
Label - MM-EML (EX18)R C1 YE/BK
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com