Electronic Components Datasheet Search
  English  ▼

X  

MBR20200CT Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MBR20200CT
Description  SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MBR20200CT Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MBR20200CT Datasheet HTML 1Page - KEC(Korea Electronics) MBR20200CT Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2008. 1. 3
1/2
SEMICONDUCTOR
TECHNICAL DATA
MBR20200CT
SCHOTTKY BARRIER TYPE DIODE
Revision No : 0
SWITCHING TYPE POWER SUPPLY APPLICATION.
CONVERTER & CHOPPER APPLICATION.
FEATURES
Average Output Rectified Current
: IO=20A.
Repetitive Peak Reverse Voltage
: VRRM=200V.
Fast Reverse Recovery Time : trr=35ns.
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
TO-220AB
1.46
A
B
C
D
E
F
G
H
J
K
M
N
O
0.8
0.1
+
_
2.8
0.1
+
_
2.54
0.2
+
_
1.27
0.1
+
_
1.4
0.1
+
_
13.08
0.3
+
_
3.6
0.2
+
_
+
_
9.9
0.2
+
_
9.2
0.2
+
_
4.5
0.2
+
_
2.4
0.2
15.95 MAX
1.3+0.1/-0.05
0.5+0.1/-0.05
3.7
1.5
A
F
B
J
G
K
M
L
L
E
I
I
O
C
H
NN
Q
D
Q
P
P
1. ANODE
2. CATHODE
3. ANODE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
200
V
Average Output Rectified
Current (Note)
IO
20
A
Peak One Cycle Surge Forward
Current (Non-Repetitive 60Hz)
IFSM
120
A
Junction Temperature
Tj
-40
150
Storage Temperature Range
Tstg
-55
150
Note : average forward current of centertap full wave connection.
3
1
2
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
(Note)
VFM
IFM=5A
-
-
0.95
V
Repetitive Peak
Reverse Current
(Note)
IRRM
VRRM=Rated
-
-
150
Reverse Recovery Time
(Note)
trr
IF=1.0A, di/dt=-30A/
-
-
35
ns
Thermal Resistance
(Note)
Rth(j-c)
Juction to Case
-
-
1.7
/W
Note : A value of one cell


Similar Part No. - MBR20200CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR20200CT MOTOROLA-MBR20200CT Datasheet
78Kb / 4P
SWITCHMODE??Power Dual Schottky Rectifier
logo
Micro Commercial Compon...
MBR20200CT MCC-MBR20200CT Datasheet
393Kb / 2P
20 Amp High Voltage 200Volts Barrier Rectifier Power Schottky
logo
Taiwan Semiconductor Co...
MBR20200CT TSC-MBR20200CT Datasheet
102Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
logo
Sirectifier Semiconduct...
MBR20200CT SIRECTIFIER-MBR20200CT Datasheet
193Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
MBR20200CT FAIRCHILD-MBR20200CT Datasheet
100Kb / 4P
Dual High Voltage Schotty Rectifier
More results

Similar Description - MBR20200CT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MBR545CT KEC-MBR545CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR1545CT KEC-MBR1545CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR1560CT KEC-MBR1560CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR30100CT KEC-MBR30100CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF20100CT KEC-MBRF20100CT Datasheet
439Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF30100CT KEC-MBRF30100CT Datasheet
439Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF20150CT KEC-MBRF20150CT Datasheet
439Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF10150CT KEC-MBRF10150CT Datasheet
439Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF1060CT KEC-MBRF1060CT Datasheet
443Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF1045CT KEC-MBRF1045CT Datasheet
439Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com