Electronic Components Datasheet Search
  English  ▼

X  

MCP601-IST Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP601-IST
Description  2.7V to 6.0V Single Supply CMOS Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP601-IST Datasheet(HTML) 5 Page - Microchip Technology

  MCP601-IST Datasheet HTML 1Page - Microchip Technology MCP601-IST Datasheet HTML 2Page - Microchip Technology MCP601-IST Datasheet HTML 3Page - Microchip Technology MCP601-IST Datasheet HTML 4Page - Microchip Technology MCP601-IST Datasheet HTML 5Page - Microchip Technology MCP601-IST Datasheet HTML 6Page - Microchip Technology MCP601-IST Datasheet HTML 7Page - Microchip Technology MCP601-IST Datasheet HTML 8Page - Microchip Technology MCP601-IST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
© 2007 Microchip Technology Inc.
DS21314G-page 5
MCP601/1R/2/3/4
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, T
A = +25°C, VDD = +2.7V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 100 kΩ to VL, CL = 50 pF and CS is tied low.
FIGURE 2-1:
Open-Loop Gain, Phase vs.
Frequency.
FIGURE 2-2:
Slew Rate vs. Temperature.
FIGURE 2-3:
Gain Bandwidth Product,
Phase Margin vs. Temperature.
FIGURE 2-4:
Quiescent Current vs.
Supply Voltage.
FIGURE 2-5:
Quiescent Current vs.
Temperature.
FIGURE 2-6:
Input Noise Voltage Density
vs. Frequency.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-40
-20
0
20
40
60
80
100
120
1.E-
01
1.E+
00
1.E+
01
1.E+
02
1.E+
03
1.E+
04
1.E+
05
1.E+
06
1.E+
07
Frequency (Hz)
-240
-210
-180
-150
-120
-90
-60
-30
0
0.1
1
10 100
1k 10k 100k 1M 10M
Gain
Phase
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-50
-25
0
255075
100
125
Ambient Temperature (°C)
Rising Edge
Falling Edge
VDD = 5.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-50
-25
0
25
50
75
100 125
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
90
100
110
GBWP
PM, G = +1
0
50
100
150
200
250
300
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Supply Voltage (V)
IO = 0
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
0
50
100
150
200
250
300
-50
-25
0
255075
100
125
Ambient Temperature (°C)
VDD = 2.7V
VDD = 5.5V
IO = 0
1.E+01
1.E+02
1.E+03
1.E+04
1.E-
01
1.E+0
0
1.E+0
1
1.E+0
2
1.E+0
3
1.E+0
4
1.E+0
5
1.E+0
6
Frequency (Hz)
0.1
1
10
100
1k
10k 100k
1M
10µ
1µ
100n
10n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com