Electronic Components Datasheet Search
  English  ▼

X  

EEC Datasheet(PDF) 2 Page - Nichicon corporation

Part # EEC
Description  Metallized Polypropylene Film AC Power Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

EEC Datasheet(HTML) 2 Page - Nichicon corporation

  EEC Datasheet HTML 1Page - Nichicon corporation EEC Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PLASTIC FILM CAPACITORS
CAT.8100L
20 ± 0.5
A ±1
4.5
1
187
Tab terminal
Resin case
Resin filled
25 ± 0.5
A ± 1.5
187
Tab terminal
Resin case
Resin filled
φ 4.5
A ± 1
10 ±3
187
Tab terminal
Resin case
20 ± 0.5
4.5
1
Resin filled
25 ± 0.5
A ± 1.5
187
Tab terminal
Resin case
Resin filled
φ 4.5
G ± 1
A ± 1
B ± 1
Resin case
Resin filled
φ 0.8CP wire
Marking
Marking
Marking
Marking
Marking
10 ±3
Dimensions
In case of pin terminal dimension will be 37.0 × 13.5 × 28.0mm. (Code : 09 )
In case of pin terminal dimension will be 37.0 × 15.5 × 29.0mm. (Code : 27 )
In case of pin terminal dimension will be 37.0 × 17.5 × 31.0mm. (Code : 11 )
Remarks : 1) Dimension of case bottom is
expressed by A and B.
2) Dimension B of case top shall be
±1.0mm as shown below.
3) In case of pin terminal product,
cased dimension A is only 37mm.
± 1.0mm of B dimension
Drawing
EEC
Tab terminal 2 (Terminal shape : Q )
Tab terminal 1 (Terminal shape : Z )
Pin terminal (Terminal shape : W )
Case size (mm)
Case size code
( ) for Pin terminal
A
B
C
37.0
11.5
25.0
01
37.0
13.5
27.0
02 (09)
37.0
15.5
29.0
03 (27)
37.0
17.5
31.0
04 (11)
37.0
19.5
33.0
05
37.0
21.5
35.0
06
37.0
24.0
37.0
07
58.0
26.0
40.0
15
58.0
30.0
44.0
16
58.0
34.0
49.0
31
Fig
Fig
①
②
③
④
Lead pitch G (mm)
Fig
⑤
34.2
Terminal Shape Q
Terminal Shape Z
Terminal Shape W
Fig.
①
Fig.
③
Fig.
⑤
Fig.
②
Fig.
④



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com