Electronic Components Datasheet Search
  English  ▼

X  

EXH Datasheet(PDF) 1 Page - Nichicon corporation

Part # EXH
Description  Metallized Polypropylene Film AC Power Capacitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

EXH Datasheet(HTML) 1 Page - Nichicon corporation

  EXH Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PLASTIC FILM CAPACITORS
CAT.8100L
Self-healing and non-inductive wound by metallized film, with flame-retardant expoxy
resin coating for humidity resistance.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
Application
Motor running
EXH MetallizedPolypropyleneFilmACPowerCapacitor
Drawing
Specifications
E
1
X
2
H
3
2
4
E
5
6
6
0
7
5
8
H
9
R
10
P
11
T
12
Tinned CP wire( P )
Polypropylene film( R )
AC usage applicable ( T )
Capacitance tolerance (+10% to -5% : H)
Rated capacitance (6µF)
Rated voltage (250V)
Series name
Type
Wmax.
P
1.5max.
25min.
Hmax.
φ0.8±0.05
Tmax.
+1.0
–2.0
Straight lead type
Type numbering system (Example : 250VAC 6µF)
Performance Characteristics
Item
Maximum permissible temperature
Minimum amibient temperature
Rated Capacitance Range
Capacitance Tolerance
Loss factor
Withstand Voltage
+85˚C ( Z )
– 25˚C ( B )
Rated Voltage Range
250VAC
6 to 12µF
+10 to –5%
0.12% or less (at 20˚C 50/60Hz 200VAC)
Between Terminals : Rated Voltage × 175% 10 secs.
Between Terminals conected together and case : 2000VAC 60 secs.
Insulation Resistance
Between Terminals connected together and case
: 1000MΩ or more (at 500VDC)
Encapsulation
Flame retardant epoxy resin
Current duration class
40D (40,000h)
Safety Mechanism
Non-included
Dimensions
Unit : mm
6.0
7.0
8.0
9.0
10.0
12.0
605
705
805
905
106
126
T
14.0
14.5
15.5
16.5
17.5
18.5
W
36.0
36.0
36.0
36.0
36.0
36.0
H
25.5
27.5
28.5
29.5
30.5
31.5
P
32.5
32.5
32.5
32.5
32.5
32.5
250VAC (2E)
Cap. (µF)
Code
Size
V (Code)
Since rating other than the above can be manufactured a please ask for detail.


Similar Part No. - EXH

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
EXH LSTD-EXH Datasheet
292Kb / 1P
Two-Way Radio Antenna
logo
Honeywell Solid State E...
EXH-AR3 HONEYWELL-EXH-AR3 Datasheet
942Kb / 7P
Interactive Catalog Replaces Catalog Pages
EXH-AR33 HONEYWELL-EXH-AR33 Datasheet
942Kb / 7P
Interactive Catalog Replaces Catalog Pages
logo
Laird Tech Smart Techno...
EXH150 LSTD-EXH150 Datasheet
292Kb / 1P
Two-Way Radio Antenna
EXH155 LSTD-EXH155 Datasheet
292Kb / 1P
Two-Way Radio Antenna
More results

Similar Description - EXH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
Metallized Polypropylene Film Capacitor
04-Jul-05
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
AC and Pulse metallized polypropylene film capacitor
logo
Kemet Corporation
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX4300ZBNJ KEMET-C4BSPBX4300ZBNJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
logo
jb Capacitors Company
JFT JBCAPACITORS-JFT_15 Datasheet
298Kb / 2P
Metallized Polypropylene Film AC Capacitor Class-X1
logo
Panasonic Semiconductor
ECQUAAF822K PANASONIC-ECQUAAF822K Datasheet
715Kb / 14P
Metallized Polypropylene Film Capacitor
ECWH10752HV PANASONIC-ECWH10752HV Datasheet
774Kb / 18P
Metallized Polypropylene Film Capacitor
logo
List of Unclassifed Man...
CBB60 ETC-CBB60 Datasheet
194Kb / 2P
Metallized Polypropylene Film AC Motor Capacitor
Ver. 2005
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com