Electronic Components Datasheet Search
  English  ▼

X  

LTC1589 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1589
Description  16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1589 Datasheet(HTML) 3 Page - Linear Technology

  LTC1589 Datasheet HTML 1Page - Linear Technology LTC1589 Datasheet HTML 2Page - Linear Technology LTC1589 Datasheet HTML 3Page - Linear Technology LTC1589 Datasheet HTML 4Page - Linear Technology LTC1589 Datasheet HTML 5Page - Linear Technology LTC1589 Datasheet HTML 6Page - Linear Technology LTC1589 Datasheet HTML 7Page - Linear Technology LTC1589 Datasheet HTML 8Page - Linear Technology LTC1589 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2641/LTC2642
3
26412f
ORDER INFORMATION
LTC2641
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2641CDD-16#PBF
LTC2641CDD-14#PBF
LTC2641CDD-12#PBF
LTC2641CDD-16#TRPBF
LTC2641CDD-14#TRPBF
LTC2641CDD-12#TRPBF
LCZP
LCZN
LCZM
8-Lead (3mm
× 3mm) Plastic DFN
8-Lead (3mm
× 3mm) Plastic DFN
8-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
0°C to 70°C
0°C to 70°C
LTC2641IDD-16#PBF
LTC2641IDD-14#PBF
LTC2641IDD-12#PBF
LTC2641IDD-16#TRPBF
LTC2641IDD-14#TRPBF
LTC2641IDD-12#TRPBF
LCZP
LCZN
LCZM
8-Lead (3mm
× 3mm) Plastic DFN
8-Lead (3mm
× 3mm) Plastic DFN
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
–40°C to 85°C
–40°C to 85°C
LTC2641CMS8-16#PBF
LTC2641CMS8-14#PBF
LTC2641CMS8-12#PBF
LTC2641CMS8-16#TRPBF
LTC2641CMS8-14#TRPBF
LTC2641CMS8-12#TRPBF
LTCZS
LTCZR
LTCZQ
8-Lead Plastic MSOP
8-Lead Plastic MSOP
8-Lead Plastic MSOP
0°C to 70°C
0°C to 70°C
0°C to 70°C
LTC2641IMS8-16#PBF
LTC2641IMS8-14#PBF
LTC2641IMS8-12#PBF
LTC2641IMS8-16#TRPBF
LTC2641IMS8-14#TRPBF
LTC2641IMS8-12#TRPBF
LTCZS
LTCZR
LTCZQ
8-Lead Plastic MSOP
8-Lead Plastic MSOP
8-Lead Plastic MSOP
–40°C to 85°C
–40°C to 85°C
–40°C to 85°C
LTC2642
LTC2642CDD-16#PBF
LTC2642CDD-14#PBF
LTC2642CDD-12#PBF
LTC2642CDD-16#TRPBF
LTC2642CDD-14#TRPBF
LTC2642CDD-12#TRPBF
LCZW
LCZV
LCZT
10-Lead (3mm
× 3mm) Plastic DFN
10-Lead (3mm
× 3mm) Plastic DFN
10-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
0°C to 70°C
0°C to 70°C
LTC2642IDD-16#PBF
LTC2642IDD-14#PBF
LTC2642IDD-12#PBF
LTC2642IDD-16#TRPBF
LTC2642IDD-14#TRPBF
LTC2642IDD-12#TRPBF
LCZW
LCZV
LCZT
10-Lead (3mm
× 3mm) Plastic DFN
10-Lead (3mm
× 3mm) Plastic DFN
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
–40°C to 85°C
–40°C to 85°C
LTC2642CMS-16#PBF
LTC2642CMS-14#PBF
LTC2642CMS-12#PBF
LTC2642CMS-16#TRPBF
LTC2642CMS-14#TRPBF
LTC2642CMS-12#TRPBF
LTCZZ
LTCZY
LTCZX
10-Lead Plastic MSOP
10-Lead Plastic MSOP
10-Lead Plastic MSOP
0°C to 70°C
0°C to 70°C
0°C to 70°C
LTC2642IMS-16#PBF
LTC2642IMS-14#PBF
LTC2642IMS-12#PBF
LTC2642IMS-16#TRPBF
LTC2642IMS-14#TRPBF
LTC2642IMS-12#TRPBF
LTCZZ
LTCZY
LTCZX
10-Lead Plastic MSOP
10-Lead Plastic MSOP
10-Lead Plastic MSOP
–40°C to 85°C
–40°C to 85°C
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com