Electronic Components Datasheet Search
  English  ▼

X  

TLP785FC Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP785FC
Description  TOSHIBA Photocoupler IRED & Photo−Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP785FC Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP785FC Datasheet HTML 1Page - Toshiba Semiconductor TLP785FC Datasheet HTML 2Page - Toshiba Semiconductor TLP785FC Datasheet HTML 3Page - Toshiba Semiconductor TLP785FC Datasheet HTML 4Page - Toshiba Semiconductor TLP785FC Datasheet HTML 5Page - Toshiba Semiconductor TLP785FC Datasheet HTML 6Page - Toshiba Semiconductor TLP785FC Datasheet HTML 7Page - Toshiba Semiconductor TLP785FC Datasheet HTML 8Page - Toshiba Semiconductor TLP785FC Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TLP785,TLP785F
2
2019-03-11
© 2019
Toshiba Electronic Devices & Storage Corporation
Current Transfer Ratio (Note)
Type
Classification
(Note 1)
Current Transfer Ratio (%)
(IC / IF)
Marking of Classification
IF = 5mA, VCE = 5V, Ta = 25°C
Min
Max
TLP785
None
50
600
Blank
Rank Y
50
150
YE
Rank GR
100
300
GR
Rank BL
200
600
BL
Rank GB
100
600
GB
Rank YH
75
150
Y+
Rank GRL
100
200
G
Rank GRH
150
300
G+
Rank BLL
200
400
B
Note 1: e.g. rank GB: TLP785 (GB)
Note: Application type name for certification test, please use standard product type name, e.g.
TLP785 (GB): TLP785
Absolute Maximum Ratings (Note) (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward current
IF
60
mA
Forward current derating (Ta ≥ 39°C)
ΔIF / °C
−0.7
mA / °C
Pulse forward current
(Note 2)
IFP
1
A
Power dissipation
PD
90
mW
Power dissipation derating (Ta ≥ 39°C)
ΔPD / °C
−0.9
mW / °C
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Collector−emitter voltage
VCEO
80
V
Emitter−collector voltage
VECO
7
V
Collector current
IC
50
mA
Power dissipation (single circuit)
PC
150
mW
Power dissipation derating
(Ta ≥ 25°C)
ΔPC / °C
−1.5
mW / °C
Junction temperature
Tj
125
°C
Operating temperature range
Topr
−55 to 110
°C
Storage temperature range
Tstg
−55 to 125
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Total package power dissipation
PT
240
mW
Total package power dissipation derating
(Ta ≥ 25°C)
ΔPT / °C
−2.4
mW / °C
Isolation voltage
(Note 3)
BVS
5000
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: Pulse Width: 100 μs or less, 100 Hz frequency
Note 3: AC, 60 s., R.H. ≤ 60%. Apply voltage to LED pin and detector pin together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com