Electronic Components Datasheet Search
  English  ▼

X  

F1100 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1100
Description  RF to IF Dual Downconverting Mixer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1100 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1100 Datasheet HTML 1Page - Renesas Technology Corp F1100 Datasheet HTML 2Page - Renesas Technology Corp F1100 Datasheet HTML 3Page - Renesas Technology Corp F1100 Datasheet HTML 4Page - Renesas Technology Corp F1100 Datasheet HTML 5Page - Renesas Technology Corp F1100 Datasheet HTML 6Page - Renesas Technology Corp F1100 Datasheet HTML 7Page - Renesas Technology Corp F1100 Datasheet HTML 8Page - Renesas Technology Corp F1100 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
RF to IF Dual Downconverting Mixer
698 - 915 MHz F1100NBGI
IDT Zero-Distortion
TM Mixer
1
RevO, Feb 2013
F1100
DATASHEET
GENERAL DESCRIPTION
This document describes the specifications for the
IDTF1100 Zero-Distortion
TM RF to IF Downconverting
Mixer. This device is part of a series of downconverting
mixers covering all UTRA bands. See the Part# Matrix
for the details of all devices in the series.
The F1100 dual channel device operates with a single
5V supply. It is optimized for operation in a Multi-
carrier BaseStation Receiver for RF bands from 698 to
915 MHz with High Side Injection. IF frequencies from
150 to 450 MHz are supported. Nominally, the device
offers +41 dBm Output IP3 with 350 mA of ICC.
COMPETITIVE ADVANTAGE
In typical basestation receivers the mixer limits the
linearity performance for the entire receive system. The
F1100 with Zero-Distortion technology dramatically
improves the maximum IM3 interference that the BTS
can withstand at a desired Signal to Noise Ratio (SNR.)
IP3O: ⇑
⇑
⇑
⇑ 7 dB
Allows for higher RF
gain improving
Sensitivity
PART# MATRIX
Part#
RF freq
range
UTRA bands
IF freq
range
Typ.
Gain
Injection
F
F1
11
10
00
0
6
69
98
8 -- 9
91
15
5
5
5,,6
6,,8
8,,1
12
2,,1
13
3,,1
14
4,,1
17
7
,,1
19
9,,2
20
0
1
15
50
0 -- 4
45
50
0
9
9
H
Hiig
gh
h S
Siid
de
e
F1102
400 - 1000
5,6,8,12,13,14,17
,19,20
50 - 300
9.0
Both
F1150
1700 - 2200
1,2,3,4,9,10, 33,
34,35, 36, 37,39
50 - 450
8.5
High Side
F1152
1400 - 2200
1,2,3,4,9,10, 21
1,
24
1, 33, 34,35,
36, 37,39
50 - 350
8.5
Low Side
F1162
2300 – 2700
7,38,40,41
50 – 500
8.8
Both
1
– with High side injection
FEATURES
•
Dual Path for Diversity Systems
•
Ideal for Multi-Carrier Systems
•
MIMO friendly: -6 dBm min LO drive
•
9 dB Gain
•
Ultra linear: +41 dBm IP3O (350 MHz IF)
•
•
Low NF ~10 dB
•
200
output impedance
•
Ultra high +13 dBm P1dBI
•
P
Piin
n C
Co
om
mp
pa
attiib
blle
e w
w//E
Ex
xiissttiin
ng
g sso
ollu
uttiio
on
nss
•
6x6 36 pin package
•
P
Po
ow
we
err D
Do
ow
wn
n m
mo
od
de
e
•
Standard Mode: ICC = 350 mA
DEVICE BLOCK DIAGRAM
ORDERING INFORMATION
RFIN_A
IFOUT_A
RF VCO
LOADJ
RFIN_B
IFOUT_B
Bias
Control
STBY
2
IDTF1100NBGI8
0.8 mm height
package
Green
Industrial
Temp range
Tape &
Reel
Omit IDT
prefix
RF product Line


Similar Part No. - F1100

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1100 IDT-F1100 Datasheet
956Kb / 17P
RF to IF Dual Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
F1100 RENESAS-F1100 Datasheet
4Mb / 22P
This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.
December 2014
F1100 RENESAS-F1100 Datasheet
3Mb / 27P
RF to IF Dual Downconverting Mixer
Rev1, July 2012
F1100 RENESAS-F1100 Datasheet
2Mb / 27P
RF to IF Dual Downconverting Mixer
Rev2, July 2012
More results

Similar Description - F1100

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1100 IDT-F1100 Datasheet
956Kb / 17P
RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
RF to IF Dual Downconverting Mixer
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
RF to IF Dual Downconverting Mixer
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
RF to IF Single Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com