Electronic Components Datasheet Search
  English  ▼

X  

F1102 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1102
Description  RF to IF Dual Downconverting Mixer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1102 Datasheet HTML 9Page - Renesas Technology Corp F1102 Datasheet HTML 10Page - Renesas Technology Corp F1102 Datasheet HTML 11Page - Renesas Technology Corp F1102 Datasheet HTML 12Page - Renesas Technology Corp F1102 Datasheet HTML 13Page - Renesas Technology Corp F1102 Datasheet HTML 14Page - Renesas Technology Corp F1102 Datasheet HTML 15Page - Renesas Technology Corp F1102 Datasheet HTML 16Page - Renesas Technology Corp F1102 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
RF to IF Dual Downconverting Mixer
698 - 915 MHz F1100NBGI
IDT Zero-Distortion
TM Mixer
13
RevO, Feb 2013
F1100
DATASHEET
PINOUTS
36
35
34
33
32
31
30
29
28
9
RF_B
8
7
6
NC [internal NC]
5
4
NC [internal NC]
3
GND [DB GND]
2
GND [RFA_rtn]
1
RF_A
18
17
16
15
14
13
12
11
10
19
LO_in
20
GND [internal NC]
21
VCC
22
NC
23
GND [STBY]
24
LO_SW [internal NC]
25
GND [DB GND]
26
LO_in_alt
27
B
I
A
S
C
T
R
L
GND [DB GND]
GND [DB GND]
Black Text denotes recommended external connection
Red Text denotes internal Function or Connection
- DB GND = Downbonded to Paddle
- Internal NC = Pin not connected
GND [RFB_rtn]
GND [LO_rtn]
Please Note!
- Only connect to one LO feed
- Choose Either Pin 19 or Pin 27
- Do not connect the unused LO pin to
ensure good LO return loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com