Electronic Components Datasheet Search
  English  ▼

X  

F1162 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1162
Description  RF to IF Dual Downconverting Mixer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1162 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1162 Datasheet HTML 9Page - Renesas Technology Corp F1162 Datasheet HTML 10Page - Renesas Technology Corp F1162 Datasheet HTML 11Page - Renesas Technology Corp F1162 Datasheet HTML 12Page - Renesas Technology Corp F1162 Datasheet HTML 13Page - Renesas Technology Corp F1162 Datasheet HTML 14Page - Renesas Technology Corp F1162 Datasheet HTML 15Page - Renesas Technology Corp F1162 Datasheet HTML 16Page - Renesas Technology Corp F1162 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
RF to IF Dual Downconverting Mixer
1400 - 2200 MHz F1152NBGI
IDT Zero-Distortion
TM Mixer
13
Rev1, June 2012
DATASHEET
TYPICAL OPERATING CONDITIONS (-8-)
Hi-side Injection LO to IF (Bands 11, 21, 24)
Hi-side Injection 3x3 (Bands 11, 21, 24)
Hi-side Injection ICC (Bands 11, 21, 24)
Hi-side Injection RF to IF (Bands 11, 21, 24)
Hi-side Injection Channel Iso (Bands 11, 21, 24)
Hi-side Injection RF Port Matches (see p. 22)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.40E+09
1.45E+09
1.50E+09
1.55E+09
1.60E+09
1.65E+09
1.70E+09
RF Freq (Hz)
STD
LC
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.40E+09
1.45E+09
1.50E+09
1.55E+09
1.60E+09
1.65E+09
1.70E+09
RF Freq (Hz)
STD
LC
0.200
0.220
0.240
0.260
0.280
0.300
0.320
0.340
0.360
0.380
0.400
1.40E+09
1.45E+09
1.50E+09
1.55E+09
1.60E+09
1.65E+09
1.70E+09
RF Freq (Hz)
STD
LC
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.40E+09
1.45E+09
1.50E+09
1.55E+09
1.60E+09
1.65E+09
1.70E+09
RF Freq (Hz)
STD
LC
25
30
35
40
45
50
55
60
65
1.40E+09
1.45E+09
1.50E+09
1.55E+09
1.60E+09
1.65E+09
1.70E+09
RF Freq (Hz)
STD
LC
-40
-35
-30
-25
-20
-15
-10
-5
0
1400
1500
1600
1700
1800
RF Freq (MHz)
Ch A RF Port Match
Ch B RF Port Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com