Electronic Components Datasheet Search
  English  ▼

X  

LTC1597 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1597
Description  16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1597 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1597 Datasheet HTML 2Page - Linear Technology LTC1597 Datasheet HTML 3Page - Linear Technology LTC1597 Datasheet HTML 4Page - Linear Technology LTC1597 Datasheet HTML 5Page - Linear Technology LTC1597 Datasheet HTML 6Page - Linear Technology LTC1597 Datasheet HTML 7Page - Linear Technology LTC1597 Datasheet HTML 8Page - Linear Technology LTC1597 Datasheet HTML 9Page - Linear Technology LTC1597 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2641/LTC2642
6
26412f
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity (INL)
Integral Nonlinearity (INL)
vs Supply (VDD)
INL vs VREF
Differential Nonlinearity (DNL)
Differential Nonlinearity (DNL)
vs Supply (VDD)
DNL vs VREF
INL vs Temperature
DNL vs Temperature
Bipolar Zero Error vs Temperature
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
16384
32768
26412 G01
–0.6
0.6
0.8
0.2
49152
65535
LTC2642-16
VREF = 2.5V
VDD = 5V
VDD (V)
2
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
3
4
26412 G02
–0.6
0.6
0.8
0.2
5
6
VREF = 2.5V
+INL
–INL
VREF (V)
2
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
3
4
26412 G03
–0.6
0.6
0.8
0.2
5
6
VDD = 5.5V
+INL
–INL
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
16384
32768
26412 G04
–0.6
0.6
0.8
0.2
49152
65535
LTC2642-16
VREF = 2.5V
VDD = 5V
VDD (V)
2
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
3
4
26412 G05
–0.6
0.6
0.8
0.2
5
6
VREF = 2.5V
+DNL
–DNL
VREF (V)
2
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
3
4
26412 G06
–0.6
0.6
0.8
0.2
5
6
VDD = 5.5V
+DNL
–DNL
TEMPERATURE (
°C)
–40
0.2
0.6
60
26412 G07
–0.2
–0.6
0
0.4
0.8
1.0
–0.4
–0.8
–1.0
–15
10
35
85
VREF = 2.5V
VDD = 5V
+INL
–INL
TEMPERATURE (
°C)
–40
0.2
0.6
60
26412 G08
–0.2
–0.6
0
0.4
0.8
1.0
–0.4
–0.8
–1.0
–15
10
35
85
VREF = 2.5V
VDD = 5V
+DNL
–DNL
TEMPERATURE (
°C)
–40
1
3
60
26412 G09
–1
–3
0
2
4
5
–2
–4
–5
–15
10
35
85
VREF = 2.5V
VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com