Electronic Components Datasheet Search
  English  ▼

X  

LTC1650 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1650
Description  16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1650 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1650 Datasheet HTML 9Page - Linear Technology LTC1650 Datasheet HTML 10Page - Linear Technology LTC1650 Datasheet HTML 11Page - Linear Technology LTC1650 Datasheet HTML 12Page - Linear Technology LTC1650 Datasheet HTML 13Page - Linear Technology LTC1650 Datasheet HTML 14Page - Linear Technology LTC1650 Datasheet HTML 15Page - Linear Technology LTC1650 Datasheet HTML 16Page - Linear Technology LTC1650 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC2641/LTC2642
13
26412f
APPLICATIONS INFORMATION
Bipolar Configuration
Figure 3 shows a typical bipolar DAC application for the
LTC2642. The on-chip bipolar offset/gain resistors, RFB
and RINV, are connected to an external amplifier to produce
a bipolar output swing from –VREF to VREF at the RFB pin.
The amplifier circuit provides a gain of +2 from the VOUT
pin, and gain of –1 from VREF. Tables 2a, 2b and 2c show
the bipolar offset binary code tables for 16-bit, 14-bit and
12-bit operation.
16-BIT DAC
1/2 LT1678
5V
–5V
5V/3V
VREF
2.5V
VDD
LTC2642-16
BIPOLAR VOUT
–2.5V TO 2.5V
4.7
μF
C1
10pF
0.1
μF
0.1
μF
REF
1
6
10
VOUT
7
INV
8
RFB
GND
26412 F02
0.1
μF
0.1
μF
9
5
4
3
2
CS
SCLK
DIN
CLR
LT1019CS8-2.5
GND
OUT
5V
IN
Table 2b. 14-Bit Bipolar Offset Binary
Code Table (LTC2642-14)
DIGITAL INPUT
BINARY NUMBER
IN DAC LATCH
ANALOG OUTPUT
(VOUT)
MSB
LSB
1111 1111 1111 11xx VREF (8,191/8,192)
1000 0000 0000 01xx VREF (1/8,192)
1000 0000 0000 00xx 0V
0111 1111 1111 11xx –VREF (1/8,192)
0000 0000 0000 00xx –VREF
Figure 3. 16-Bit Bipolar Output (LTC2642-16) VOUT = –VREF to VREF
Table 2a. 16-Bit Bipolar Offset Binary
Code Table (LTC2642-16)
DIGITAL INPUT
BINARY NUMBER
IN DAC LATCH
ANALOG OUTPUT
(VOUT)
MSB
LSB
1111 1111 1111 1111 VREF (32,767/32,768)
1000 0000 0000 0001 VREF (1/32,768)
1000 0000 0000 0000 0V
0111 1111 1111 1111 –VREF (1/32,768)
0000 0000 0000 0000 –VREF
Table 2c. 12-Bit Bipolar Offset Binary
Code Table (LTC2642-12)
DIGITAL INPUT
BINARY NUMBER
IN DAC LATCH
ANALOG OUTPUT
(VOUT)
MSB
LSB
1111 1111 1111 xxxx VREF (2,047/2,048)
1000 0000 0001 xxxx VREF (1/2,048)
1000 0000 0000 xxxx 0V
0111 1111 1111 xxxx –VREF (1/2048)
0000 0000 0000 xxxx –VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com