Electronic Components Datasheet Search
  English  ▼

X  

SLPPI2016 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SLPPI2016
Description  High Power Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLPPI2016 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SLPPI2016 Datasheet HTML 1Page - Bel Fuse Inc. SLPPI2016 Datasheet HTML 2Page - Bel Fuse Inc. SLPPI2016 Datasheet HTML 3Page - Bel Fuse Inc. SLPPI2016 Datasheet HTML 4Page - Bel Fuse Inc. SLPPI2016 Datasheet HTML 5Page - Bel Fuse Inc. SLPPI2016 Datasheet HTML 6Page - Bel Fuse Inc. SLPPI2016 Datasheet HTML 7Page - Bel Fuse Inc. SLPPI2016 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 | Tel 516-239-5777 | Fax 516-239-7208
sales@signaltransformer.com | techhelp@signaltransformer.com
Custom versions available upon request.
© 2023 Signal Transformer
Specifications subject to change without notice.
SLPPI2016/SLPPI2520 Series Jan 10 2023
SLPPI2016 / SLPPI2520 Series
RoHS
Compliant
PRODUCT IDENTIFICATION
MECHANICAL SPECIFICATIONS
Dimensions are in mm.
SERIES
A
B
C
D
E
H
I
J
SLPPI2016-10
2.0 ± 0.2
1.6 ± 0.2
1.0 Max
0.5 ± 0.2
1.44
0.9
1.6
2.3
SLPPI2016-12
2.0 ± 0.2
1.6 ± 0.2
1.2 Max
0.5 ± 0.2
1.44
0.9
1.6
2.3
SLPPI2520-10
2.5 ± 0.2
2.0 ± 0.2
1.0 Max
0.6 ± 0.2
1.84
1.2
2.0
2.8
SLPPI2520-12
2.5 ± 0.2
2.0 ± 0.2
1.2 Max
0.6 ± 0.2
1.84
1.2
2.0
2.8
A
H
J
PAD
LAYOUT
xxx
xxx
C
D
SLPPI = Signal Low Profile Power Inductors
SLPPI 2016 - 12 - R47 M - TR
2016 = 2.0 mm x 1.6 mm
2520 = 2.5 mm x 2.0 mm
Dimensions
Type / Product Series
M = ±20%
Inductance Tolerance
10 = 1.0 mm
12 = 1.2 mm
Profile
R47 = 0.47 μH
* Note: Expressed by three figures. The unit is
micro henry (μH). The first and second figures are
significant digits, the third figure expresses the
number of zeros which follow the two figures
(100 = 10 μH)
If there is a decimal point, it is expressed by the
capital letter “R” (3R9 = 3.9 μH). In that case, all
figures are significant digits.
Inductance *
Packaging
TR = Tape & Reel
No code = Bulk



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com