Electronic Components Datasheet Search
  English  ▼

X  

2SC2073 Datasheet(PDF) 1 Page - SYC Electronica

Part # 2SC2073
Description  NPN POWER 150V 1.5A TO-220
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

2SC2073 Datasheet(HTML) 1 Page - SYC Electronica

  2SC2073 Datasheet HTML 1Page - SYC Electronica 2SC2073 Datasheet HTML 2Page - SYC Electronica 2SC2073 Datasheet HTML 3Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A
2SC2073
NPN POWER 150V 1.5A TO-220
www.sycelectronica.com.ar


Similar Part No. - 2SC2073

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC2073 MOSPEC-2SC2073 Datasheet
114Kb / 3P
POWER TRANSISTORS(1.5A,150V,25W)
logo
TRANSYS Electronics Lim...
2SC2073 TEL-2SC2073 Datasheet
59Kb / 1P
Plastic-Encapsulated Transistors
logo
Savantic, Inc.
2SC2073 SAVANTIC-2SC2073 Datasheet
129Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2073 ISC-2SC2073 Datasheet
270Kb / 2P
isc Silicon NPN Power Transistor
logo
Thinki Semiconductor Co...
2SC2073 THINKISEMI-2SC2073 Datasheet
530Kb / 3P
PNP Silicon Epitaxial Power Transistor
More results

Similar Description - 2SC2073

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA940 MOSPEC-2SA940 Datasheet
113Kb / 3P
POWER TRANSISTORS(1.5A,150V,25W)
2SC2073 MOSPEC-2SC2073 Datasheet
114Kb / 3P
POWER TRANSISTORS(1.5A,150V,25W)
SJE1497 MOSPEC-SJE1497 Datasheet
113Kb / 3P
POWER TRANSISTORS(1.5A,150V,25W)
logo
STMicroelectronics
STP40NS15 STMICROELECTRONICS-STP40NS15 Datasheet
114Kb / 6P
N-CHANNEL 150V - 0.042ohm - 40A TO-220 MESH OVERLAY™ MOSFET
Oct-2000
logo
Avic Technology
AV13005 AVICTEK-AV13005 Datasheet
149Kb / 2P
TO-220 NPN SILICON POWER TRANSISTOR
logo
Rectron Semiconductor
TIP120 RECTRON-TIP120 Datasheet
311Kb / 4P
TO-220 DARLING TRANSISTOR (NPN)
logo
Central Semiconductor C...
BU406 CENTRAL-BU406 Datasheet
54Kb / 1P
NPN SLICON POWER TRANSISTOR JEDEC TO-220 CASE
MJE13005 CENTRAL-MJE13005 Datasheet
120Kb / 2P
NPN SILICON POWER TRANSISTOR JEDEC TO-220 CASE
logo
Diodes Incorporated
FMMT495 DIODES-FMMT495_16 Datasheet
485Kb / 7P
150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 5
FZT855 DIODES-FZT855_17 Datasheet
511Kb / 7P
150V NPN MEDIUM POWER TRANSISTOR
Rev 7
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com