Electronic Components Datasheet Search
  English  ▼

X  

MCP601T-EST Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP601T-EST
Description  2.7V to 6.0V Single Supply CMOS Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP601T-EST Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP601T-EST Datasheet HTML 2Page - Microchip Technology MCP601T-EST Datasheet HTML 3Page - Microchip Technology MCP601T-EST Datasheet HTML 4Page - Microchip Technology MCP601T-EST Datasheet HTML 5Page - Microchip Technology MCP601T-EST Datasheet HTML 6Page - Microchip Technology MCP601T-EST Datasheet HTML 7Page - Microchip Technology MCP601T-EST Datasheet HTML 8Page - Microchip Technology MCP601T-EST Datasheet HTML 9Page - Microchip Technology MCP601T-EST Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MCP601/1R/2/3/4
DS21314G-page 6
© 2007 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A = +25°C, VDD = +2.7V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 100 kΩ to VL, CL = 50 pF and CS is tied low.
FIGURE 2-7:
Input Offset Voltage.
FIGURE 2-8:
Input Offset Voltage vs.
Temperature.
FIGURE 2-9:
Input Offset Voltage vs.
Common Mode Input Voltage with VDD = 2.7V.
FIGURE 2-10:
Input Offset Voltage Drift.
FIGURE 2-11:
CMRR, PSRR vs.
Temperature.
FIGURE 2-12:
Input Offset Voltage vs.
Common Mode Input Voltage with VDD = 5.5V.
0%
2%
4%
6%
8%
10%
12%
14%
16%
-2.0 -1.6 -1.2 -0.8 -0.4 0.0 0.4 0.8 1.2 1.6 2.0
Input Offset Voltage (mV)
1200 Samples
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD = 2.7V
VDD = 5.5V
-200
-100
0
100
200
300
400
500
600
700
800
Common Mode Input Voltage (V)
VDD = 2.7V
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
-10 -8
-6
-4
-2
02468
10
Input Offset Voltage Drift (µV/°C)
1200 Samples
TA = –40 to +125°C
75
80
85
90
95
100
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
PSRR
CMRR
-200
-100
0
100
200
300
400
500
600
700
800
Common Mode Input Voltage (V)
VDD = 5.5V
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com