Electronic Components Datasheet Search
  English  ▼

X  

2SD718 Datasheet(PDF) 1 Page - SYC Electronica

Part # 2SD718
Description  NPN 120V 8.0A 80W TO-3P
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

2SD718 Datasheet(HTML) 1 Page - SYC Electronica

  2SD718 Datasheet HTML 1Page - SYC Electronica 2SD718 Datasheet HTML 2Page - SYC Electronica 2SD718 Datasheet HTML 3Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A
2SD718
NPN 120V 8.0A 80W TO-3P
www.sycelectronica.com.ar


Similar Part No. - 2SD718

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD718 MOSPEC-2SD718 Datasheet
118Kb / 3P
POWER TRANSISTORS(8A,120V,80W)
logo
Wing Shing Computer Com...
2SD718 WINGS-2SD718 Datasheet
29Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Unisonic Technologies
2SD718 UTC-2SD718 Datasheet
108Kb / 3P
HIGH POWER AMPLIFIER APPLICATION
logo
Savantic, Inc.
2SD718 SAVANTIC-2SD718 Datasheet
175Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD718 ISC-2SD718 Datasheet
182Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SD718

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB688 MOSPEC-2SB688 Datasheet
114Kb / 3P
POWER TRANSISTORS(8A,120V,80W)
2SC2555 MOSPEC-2SC2555 Datasheet
144Kb / 3P
POWER TRANSISTORS(8.0A,400V,80W)
2SD718 MOSPEC-2SD718 Datasheet
118Kb / 3P
POWER TRANSISTORS(8A,120V,80W)
logo
NEC
UPC1298V NEC-UPC1298V Datasheet
300Kb / 9P
50 TO 80W POWER AMPLIFIER DRIVER
logo
Central Semiconductor C...
CP245 CENTRAL-CP245 Datasheet
33Kb / 1P
Power Transistor NPN, 8.0A Power Transistor Chip
logo
Sanyo Semicon Device
STK416-090-E SANYO-STK416-090-E Datasheet
217Kb / 12P
Thick-Film Hybrid IC 3-Channel Power Switching Audio Power IC, 80W80W80W
logo
TDK Electronics
ZWQ1305224 TDK-ZWQ1305224 Datasheet
164Kb / 2P
80W to 170W Quad Output Power Supplies
logo
Shenzhenshi YONGFUKANG ...
CS8673E YONGFUKANG-CS8673E Datasheet
4Mb / 12P
2X40W,80W
logo
Rohm
2SCR587D3 ROHM-2SCR587D3 Datasheet
1Mb / 11P
NPN 3A 120V Power Transistor
logo
Schneider Electric
FC2IMA16C SCHNEIDER-FC2IMA16C Datasheet
54Kb / 1P
I-LINE TVSS UNIT 208Y/120V 3P 4WIRE 160K
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com