Electronic Components Datasheet Search
  English  ▼

X  

LTC2601 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2601
Description  16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2601 Datasheet(HTML) 5 Page - Linear Technology

  LTC2601 Datasheet HTML 1Page - Linear Technology LTC2601 Datasheet HTML 2Page - Linear Technology LTC2601 Datasheet HTML 3Page - Linear Technology LTC2601 Datasheet HTML 4Page - Linear Technology LTC2601 Datasheet HTML 5Page - Linear Technology LTC2601 Datasheet HTML 6Page - Linear Technology LTC2601 Datasheet HTML 7Page - Linear Technology LTC2601 Datasheet HTML 8Page - Linear Technology LTC2601 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC2641/LTC2642
5
26412f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Continuous operation above the specified maximum operating
junction temperature may impair device reliability.
Note 3: LTC2641-16/LTC2642-16 ±1LSB = ±0.0015% = ±15.3ppm of full
scale. LTC2641-14/LTC2642-14 ±1LSB = ±0.006% = ±61ppm of full scale.
LTC2641-12/LTC2642-12 ±1LSB = ±0.024% = ±244ppm of full scale.
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 3V or 5V, VREF = 2.5V, CL = 10pF, GND = 0, RL = ∞ unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IIN
Digital Input Current
VIN = GND to VCC
●
±1
μA
CIN
Digital Input Capacitance
(Note 6)
●
310
pF
VH
Hysteresis Voltage
0.15
V
Power Supply
VDD
Supply Voltage
●
2.7
5.5
V
IDD
Supply Current, VDD
Digital Inputs = 0V or VDD
●
120
200
μA
PD
Power Dissipation
Digital Inputs = 0V or VDD, VDD = 5V
Digital Inputs = 0V or VDD, VDD = 3V
0.60
0.36
mW
mW
TIMING CHARACTERISTICS The ● denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VDD = 3V or 5V, VREF = 2.5V, CL = 10pF, GND = 0, RL = ∞ unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t1
DIN Valid to SCLK Setup Time
●
10
ns
t2
DIN Valid to SCLK Hold Time
●
0ns
t3
SCLK Pulse Width High
●
9ns
t4
SCLK Pulse Width Low
●
9ns
t5
⎯C⎯S Pulse High Width
●
10
ns
t6
LSB SCLK High to ⎯C⎯S High
●
8ns
t7
⎯C⎯S Low to SCLK High
●
8ns
t8
⎯C⎯S High to SCLK Positive Edge
●
8ns
t9
⎯C⎯L⎯R Pulse Width Low
●
15
ns
fSCLK
SCLK Frequency
50% Duty Cycle
●
50
MHz
VDD High to ⎯C⎯S Low (Power-Up Delay)
30
μs
Note 4: ROUT tolerance is typically ±20%.
Note 5: Reference input resistance is code dependent. Minimum is at
871Chex (34,588) in unipolar mode and at 671Chex (26, 396) in bipolar
mode.
Note 6: Guaranteed by design and not production tested.
Note 7: Guaranteed by gain error and offset error testing, not production
tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com