Electronic Components Datasheet Search
  English  ▼

X  

2N5038 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N5038
Description  HIGH CURRENT NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5038 Datasheet(HTML) 1 Page - STMicroelectronics

  2N5038 Datasheet HTML 1Page - STMicroelectronics 2N5038 Datasheet HTML 2Page - STMicroelectronics 2N5038 Datasheet HTML 3Page - STMicroelectronics 2N5038 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N5038
HIGH CURRENT NPN SILICON TRANSISTOR
s
SGS-THOMSON PREFERRED SALESTYPE
s
NPN TRANSISTOR
DESCRIPTION
The 2N5038 is a silicon planar multiepitaxial NPN
transistors in Jedec TO-3 metal case. They are
especially intended for high current and switching
applications.
INTERNAL SCHEMATIC DIAGRAM
June 1997
1
2
TO-3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
150
V
VCEX
Collector-Emitter Voltage (VBE=-1.5V RBE=100
Ω)
150
V
VCER
Collector-Emitter Voltage (RBE < 50
Ω)
110
V
VCEO
Collector-Emitter Voltage (IB = 0)
90
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IC
Collector Current
20
A
ICM
Collector Peak Current
30
A
IB
Base Current
5
A
Ptot
Total Dissipation at Tc
≤ 25 oC
140
W
Tstg
Storage Temperature
-65 to 200
oC
Tj
Max. Operating Junction Temperature
200
oC
1/4


Similar Part No. - 2N5038

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5038 MOSPEC-2N5038 Datasheet
89Kb / 2P
POWER TRANSISTORS(20A,140W)
logo
ON Semiconductor
2N5038 ONSEMI-2N5038 Datasheet
124Kb / 4P
NPN SILICON POWER TRANSISTORS
REV 7
logo
Boca Semiconductor Corp...
2N5038 BOCA-2N5038 Datasheet
95Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Microsemi Corporation
2N5038 MICROSEMI-2N5038 Datasheet
55Kb / 2P
NPN HIGH POWER SILICON TRANSISTOR
logo
GE Solid State
2N5038 GESS-2N5038 Datasheet
351Kb / 7P
HIGH-CURRENT, HIGH-POWER HIGH-SPEED SILICON N-P-N PLANAR TRANSISTORS
More results

Similar Description - 2N5038

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDY90 STMICROELECTRONICS-BDY90 Datasheet
62Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jun-1997
BU407 STMICROELECTRONICS-BU407 Datasheet
61Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jun-1997
BUTW92 STMICROELECTRONICS-BUTW92 Datasheet
61Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jul-1997
BUV20 STMICROELECTRONICS-BUV20 Datasheet
41Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jan-2000
logo
Seme LAB
BDY26C SEME-LAB-BDY26C Datasheet
20Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BDY25A SEME-LAB-BDY25A Datasheet
49Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BDY28A SEME-LAB-BDY28A Datasheet
49Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BDY28B SEME-LAB-BDY28B_07 Datasheet
49Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5038 NJSEMI-2N5038 Datasheet
75Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BUX41 NJSEMI-BUX41 Datasheet
119Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com