Electronic Components Datasheet Search
  English  ▼

X  

U10 Datasheet(PDF) 2 Page - Amphenol Communications Solutions

Part # U10
Description  PROVEN, HIGH SPEED, NEXT-GENERATION SAS-4 INTERFACE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

U10 Datasheet(HTML) 2 Page - Amphenol Communications Solutions

  U10 Datasheet HTML 1Page - Amphenol Communications Solutions U10 Datasheet HTML 2Page - Amphenol Communications Solutions U10 Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
SlimSAS™ Connectors - U10 Series
MATERIAL
§
§
Housing: Black color, LCP, Lead Free Solder
Reflow Process Compatible Thermoplastic
§
§
Contact Base Material: Phosphor Bronze
§
§
Contact Normal Force: 50g nominal
§
§
Plating Solder Tails: Matte tin or Gold flash
options
§
§
Plating Mating Tails: Gold
§
§
Resonance Dampening Feature: Conductive
Polymer
MECHANICAL PERFORMANCE
§
§
Mating Force: 55.5 N max.
§
§
Durability: 250 mating cycles min.
§
§
Latch Retention Force: 50 N min.
§
§
Insertion Force: 55.5 N
§
§
Withdrawal Force: 49 N
APPROVALS AND CERTIFICATIONS
§
§
UL 94V-0
§
§
RoHS
§
§
Halogen-free
PACKAGING
§
§
Tape & Reel
ELECTRICAL PERFORMANCE
§
§
Voltage Rating: 30VDC per contact max.
§
§
Current Rating: 0.5A per contact max.
§
§
Differential Impedance: 85 Ω ± 10 Ω
ENVIRONMENTAL
§
§
Operating Temperature: -40°C to +85°C
SPECIFICATION
§
§
Amphenol Product Specification: SFF-8654
TARGET MARKETS/APPLICATIONS
Data Center
HBA (Host Bus Adapter) Servers
RAIDS (Redundant Array of Individual
Disks)
Routers
Switches
Servers
Storage Racks
Storage Controllers
TECHNICAL INFORMATION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com