Electronic Components Datasheet Search
  English  ▼

X  

TSM6866SD Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSM6866SD
Description  20V Dual N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM6866SD Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM6866SD Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM6866SD Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM6866SD Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM6866SD Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM6866SD Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM6866SD Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSM6866SD
20V Dual N-Channel MOSFET
5/6
Version: A07
TSSOP-8 Mechanical Drawing
Marking Diagram
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug,
I=Sep, J=Oct, K=Nov, L=Dec)
L = Lot Code
TSSOP-8 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
6.20
6.60
0.244
0.260
a
4.30
4.50
0.170
0.177
B
2.90
3.10
0.114
0.122
C
0.65 (typ)
0.025 (typ)
D
0.25
0.30
0.010
0.019
E
1.05
1.20
0.041
0.049
e
0.05
0.15
0.002
0.009
F
0.127
0.005
L
0.50
0.70
0.020
0.028



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com