Electronic Components Datasheet Search
  English  ▼

X  

2002180200 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 2002180200
Description  Hand Crimp Tool for Mini-Fit TPA2 Male and Female Crimp Terminals, 22 AWG, Large and Small Insulation Grips
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2002180200 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  2002180200 Datasheet HTML 1Page - Molex Electronics Ltd. 2002180200 Datasheet HTML 2Page - Molex Electronics Ltd. 2002180200 Datasheet HTML 3Page - Molex Electronics Ltd. 2002180200 Datasheet HTML 4Page - Molex Electronics Ltd. 2002180200 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Insulation Diameter, Reel
Mini-Fit TPA2/Sigma Female Crimp
Terminal, Copper Alloy, Post-Plated
Tin (Sn), 24-22 AWG, 1.65-2.38mm
Insulation Diameter, Bag
2029886242
Mini-Fit TPA2/Sigma Male Crimp
Terminal, Copper Alloy, Post-Plated
Gold (Au), 24-22 AWG, 1.07-1.65mm
Insulation Diameter, Reel
2030705141
Mini-Fit TPA2/Sigma Male Crimp
Terminal, Copper Alloy, Post-Plated
Gold (Au), 24-22 AWG, 1.07-1.65mm
Insulation Diameter, Loose
2030705142
Mini-Fit TPA2/Sigma Male Crimp
Terminal, Copper Alloy, Post-Plated
Gold (Au), 24-22 AWG, 1.65-2.38mm
Insulation Diameter, Reel
2030706141
Mini-Fit TPA2/Sigma Male Crimp
Terminal, Copper Alloy, Post-Plated
Gold (Au), 24-22 AWG, 1.65-2.38mm
Insulation Diameter, Loose
2030706142
Mini-Fit TPA2/Sigma Female Low
Mating Force Crimp Terminal,
Copper Alloy, Post-Plated Tin (Sn),
24-22 AWG, 1.07-1.65mm
Insulation Diameter, Reel
2214425241
Mini-Fit TPA2/Sigma Female Low
Mating Force Crimp Terminal,
Copper Alloy, Post-Plated Tin (Sn),
24-22 AWG, 1.65-2.38mm
Insulation Diameter, Reel
2214426241
This document was generated on Jun 13, 2025



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com