Electronic Components Datasheet Search
  English  ▼

X  

HAS Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # HAS
Description  DC DISCONNECT SWITCHES FOR SOLAR & ESS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

HAS Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  HAS Datasheet HTML 1Page - Sensata Technologies, Inc. HAS Datasheet HTML 2Page - Sensata Technologies, Inc. HAS Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
sensata.com
Copyright © 2025 Sensata Technologies, Inc.
| HAS SERIES
DC DISCONNECT SWITCHES FOR SOLAR & ESS APPLICATIONS
Features
SPECIFICATIONS
• Rated voltage: 450VDC
• Rated current: 15A
• Relay voltage trip
• Certification: GB 14048.3 DC-21A
• Design to IEC 60947-3
Series name
HAS
Circuit type
Switch type / Relay type*
Poles
2 poles
Rated voltage and current
450VDC 15A**
Standard ambient temperature
+25°C
Operating ambient temperature
-30°C~+85°C (but freezing must be avoided)
Allowable relative humidity
45%~85%
Insulation resistance
At least 100MΩ with DC500V
Dielectric strength
AC50/60Hz 2000V 1min, leakage current less than 1mA
Vibration resistance
About 98m/s² (about 10g) (MIL-STD-202 Method 201 at rated current)
Shock resistance
490m/s² (about 50g) (MIL-STD-202 Method 213 Test Condition A at rated current)
Endurance
5000 cycles with rated current and rated voltage (resistive circuit) and 5000 cycles without electrical
power; 2 cycles/min
or 8500 cycles without electrical power and 1500 with rated current and rated voltage time constant 1ms.
2 cycles/min
Coil resistance
DC24V coil: 157Ω±25% at 25°C
Weight
About 30g/unit (switch type)
* Trip voltage of the relay type is DC24V. Consult factory for other voltage.
** Consult factory for any voltage and current requirement above rated value
Note: The polarity is specified, the LINE terminal is connected to the positive(+) of the power supply


Similar Part No. - HAS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HAS MSYSTEM-HAS Datasheet
137Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
logo
LEM
HAS 100-S LEM-HAS 100-S Datasheet
576Kb / 3P
Current Transducer HAS 50 ... 600-S
22September2022/Version 16
HAS 200-S LEM-HAS 200-S Datasheet
576Kb / 3P
Current Transducer HAS 50 ... 600-S
22September2022/Version 16
HAS 300-S LEM-HAS 300-S Datasheet
576Kb / 3P
Current Transducer HAS 50 ... 600-S
22September2022/Version 16
HAS 400-S LEM-HAS 400-S Datasheet
576Kb / 3P
Current Transducer HAS 50 ... 600-S
22September2022/Version 16
More results

Similar Description - HAS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFFS030 LITTELFUSE-LFFS030 Datasheet
204Kb / 1P
Disconnect Switches
logo
PREMO CORPORATION S.L
STF PREMO-STF Datasheet
182Kb / 2P
Three PhaseNeutral Filters For Solar Technology Applications
logo
Cooper Bussmann, Inc.
RDF30CC-3 COOPER-RDF30CC-3 Datasheet
1Mb / 2P
UL489 FUSIBLE DISCONNECT SWITCHES
RDF30CC-3N COOPER-RDF30CC-3N Datasheet
1Mb / 2P
UL489 FUSIBLE DISCONNECT SWITCHES
RDF30J-3N-COMP COOPER-RDF30J-3N-COMP Datasheet
1Mb / 2P
UL489 FUSIBLE DISCONNECT SWITCHES
logo
Texas Instruments
UC2626 TI1-UC2626 Datasheet
688Kb / 23P
BRUSHLESS ESS DC MOTOR CONTROLLER
logo
Vincotech
10-FY07HVA050S5-L984F08 VINCOTECH-10-FY07HVA050S5-L984F08 Datasheet
308Kb / 7P
For one-phase solar applications
10-FY07HVA100S5-L986F08 VINCOTECH-10-FY07HVA100S5-L986F08 Datasheet
314Kb / 7P
For one-phase solar applications
logo
Soshin electric Co., Lt...
NF2000E-SJB SOSHIN-NF2000E-SJB Datasheet
380Kb / 4P
DC 1000VDC For DC line, large solar panel
logo
Littelfuse
LFTC0001X LITTELFUSE-LFTC0001X Datasheet
137Kb / 1P
Disconnect Switches
2005
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com