Electronic Components Datasheet Search
  English  ▼

X  

HS033 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # HS033
Description  HEAT SINKS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

HS033 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  HS033 Datasheet HTML 1Page - Sensata Technologies, Inc. HS033 Datasheet HTML 2Page - Sensata Technologies, Inc. HS033 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
Model Number
Thermal resistance [°C/W]
Surface area [in²/cm²]
Heat sink mounting
Weight [lbs/grs]
Material
Finish
SSR Mounting Holes/ threads
Number and type of relay accepted
Mounting screw torque [in-lb/Nm]
Accepts Fan/size [mm]
HEAT SINKS | HS033
ACCESSORIES
GENERAL SPECIFICATIONS
Page 1
Features
• 0.36°C/W Thermal resistance
• Suitable for 1, 2 or 3 single or dual Solid State Relays or one 3
Phase/Motor Reversing Solid State Contactor
• Panel mounting
Panel Mount
HS033
0.36
997.85/6437.73
Panel Mount
5.1/2313.32
Aluminum
Black Anodized
6, 8-32
(3 max) single or dual, (1) 3-Phase
15-20/1.7-2.2
No
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.


Similar Part No. - HS033

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
HS033 CRYDOM-HS033 Datasheet
461Kb / 3P
Panel Mount
logo
Sensata Technologies, I...
HS033 SENSATA-HS033 Datasheet
2Mb / 7P
PANEL MOUNT SOLID STATE RELAYS
Rev. 03/28/2025
HS033 SENSATA-HS033 Datasheet
620Kb / 7P
POWERPLUS DC SERIES | 100 VDC
07/09/2024 Rev. B
More results

Similar Description - HS033

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
7G-0011A RECOM-7G-0011A Datasheet
66Kb / 2P
Powerline Heat-Sinks
logo
CTS Corporation
AER19-19-12CB CTS-AER19-19-12CB Datasheet
169Kb / 4P
AER Forged Heat Sinks
APR19-19-12CB CTS-APR19-19-12CB Datasheet
166Kb / 3P
Forged Heat Sinks
CPR19-19-12U CTS-CPR19-19-12U Datasheet
155Kb / 3P
Forged Copper Heat Sinks
logo
Dielectric Laboratories...
S30AG250KY1234 DILABS-S30AG250KY1234 Datasheet
604Kb / 2P
HEAT SINKS AND STANDOFFS
logo
List of Unclassifed Man...
PF185G ETC2-PF185G Datasheet
51Kb / 1P
UNIVERSAL HEAT SINKS
7-362-BA ETC2-7-362-BA Datasheet
169Kb / 1P
Standard Heat Sinks
logo
Picker Components
PCH PICKER-PCH_15 Datasheet
617Kb / 3P
Heat Sinks
logo
Advanced Thermal Soluti...
ATS-1041-C1-R0 ATS-ATS-1041-C1-R0 Datasheet
435Kb / 1P
High Performance Heat Sinks
REV3_052912
ATS-1042-C2-R0 ATS-ATS-1042-C2-R0 Datasheet
428Kb / 1P
High Performance Heat Sinks
REV3_052912
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com