Electronic Components Datasheet Search
  English  ▼

X  

FT600Q Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # FT600Q
Description  FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600Q Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  FT600Q Datasheet HTML 1Page - Future Technology Devices International Ltd. FT600Q Datasheet HTML 2Page - Future Technology Devices International Ltd. FT600Q Datasheet HTML 3Page - Future Technology Devices International Ltd. FT600Q Datasheet HTML 4Page - Future Technology Devices International Ltd. FT600Q Datasheet HTML 5Page - Future Technology Devices International Ltd. FT600Q Datasheet HTML 6Page - Future Technology Devices International Ltd. FT600Q Datasheet HTML 7Page - Future Technology Devices International Ltd. FT600Q Datasheet HTML 8Page - Future Technology Devices International Ltd. FT600Q Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Copyright © Future Technology Devices International Limited
2
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.04
Document No.: FT_001118
Clearance No.: FTDI#424
1
Typical Applications
Upgrading Legacy Peripherals to USB
Utilising USB to add system modularity
Interfacing PLD/FPGA based designs to USB 3.0
USB 3.0 data acquisition
USB 3.0 Digital Video Camera Interface
USB 3.0 Digital Camera
USB 3.0 Interface for Printer/Scanner
Medical/Industrial imaging devices
USB 3.0 Instrumentation
1.1
Driver Support
Royalty free D3XX Direct Drivers
(USB Drivers + DLL S/W Interface)
Windows 10
Windows 8
Windows 7
Mac OS-X (available in 2017)
Linux
The drivers listed above are all available to download for free from the FTDI website (www.ftdichip.com).
For driver installation, please refer to http://www.ftdichip.com/Drivers/D3XX.htm
1.2
Ordering Information
Part Number
Package
Remark
FT600Q-B-x
56 Pin QFN 0.4mm Pitch
Rev B
FT601Q-B-x
76 Pin QFN 0.4mm Pitch
Rev B
Table 1.1 Device Part Numbers
Note: Packaging codes for x is:
-R: Taped and Reel, (VQFN in 3000 pieces per reel)
-T: Tray packing, (VQFN in 260 pieces per tray)
For example: FT600Q-B-R is 3000 QFN pieces in taped and reel packaging (rev B)
1.3
USB Compliant
Both FT600 and FT601 are fully compliant with the USB 3.1 specification for Generation 1 devices. USB IF
TID 340930018 applies to the FT600 and TID 340930019 for the FT601.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com