Electronic Components Datasheet Search
  English  ▼

X  

SC2608B Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC2608B
Description  Simple, Synchronous Voltage Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2608B Datasheet(HTML) 2 Page - Semtech Corporation

  SC2608B Datasheet HTML 1Page - Semtech Corporation SC2608B Datasheet HTML 2Page - Semtech Corporation SC2608B Datasheet HTML 3Page - Semtech Corporation SC2608B Datasheet HTML 4Page - Semtech Corporation SC2608B Datasheet HTML 5Page - Semtech Corporation SC2608B Datasheet HTML 6Page - Semtech Corporation SC2608B Datasheet HTML 7Page - Semtech Corporation SC2608B Datasheet HTML 8Page - Semtech Corporation SC2608B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
© 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2608B
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sm
u
m
i
x
a
Mm
u
m
i
x
a
M
m
u
m
i
x
a
M
m
u
m
i
x
a
Mm
u
m
i
x
a
Ms
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
U
V
C
C
D
N
G
o
t
0
2
+V
E
S
A
H
P
o
t
T
S
B
5
1
+V
D
N
G
o
t
T
S
B
0
2
+V
D
N
G
o
t
E
S
A
H
P
)
1
e
t
o
n
(
4
2
+
o
t
1
-V
E
S
A
H
P
o
t
H
D
)
1
e
t
o
n
(
5
1
+V
D
N
G
o
t
L
D
)
2
e
t
o
n
(
5
1
+
o
t
1
-V
D
N
G
o
t
S
S
/
P
M
O
C
7
+V
D
N
G
o
t
E
S
N
E
S
7
+V
)
8
-
O
S
(
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
0
4
O
W
/
C
)
8
-
O
S
(
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
0
2
1
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
T
J
5
2
1
+
o
t
0
4
-
O
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-
O
C
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
E
D
S
E4
V
k
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pl
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
n
o
i
t
i
d
n
o
C
s
n
o
i
t
i
d
n
o
C
s
n
o
i
t
i
d
n
o
Cs
n
o
i
t
i
d
n
o
Cn
i
Mn
i
M n
i
M n
i
Mn
i
Mp
y
Tp
y
T p
y
T p
y
Tp
y
Tx
a
Mx
a
M x
a
M x
a
Mx
a
Ms
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
U
y
l
p
p
u
S
r
e
w
o
Py
l
p
p
u
S
r
e
w
o
P
y
l
p
p
u
S
r
e
w
o
P
y
l
p
p
u
S
r
e
w
o
Py
l
p
p
u
S
r
e
w
o
P
e
g
a
t
l
o
V
y
l
p
p
u
SV
C
C
44
1V
t
n
e
r
r
u
C
y
l
p
p
u
SI
C
C
V
P
M
O
C
V
4
.
0
<6
5
.
6A
m
t
u
o
k
c
o
L
e
g
a
t
l
o
v
r
e
d
n
Ut
u
o
k
c
o
L
e
g
a
t
l
o
v
r
e
d
n
U
t
u
o
k
c
o
L
e
g
a
t
l
o
v
r
e
d
n
U
t
u
o
k
c
o
L
e
g
a
t
l
o
v
r
e
d
n
Ut
u
o
k
c
o
L
e
g
a
t
l
o
v
r
e
d
n
U
d
l
o
h
s
e
r
h
T
O
L
V
UV
h
t
T
<
0
J
5
8
<
O
C5
7
.
35
8
.
3V
s
i
s
e
r
e
t
s
y
HV
s
y
h
0
8V
m
r
e
i
f
i
l
p
m
A
r
o
r
r
Er
e
i
f
i
l
p
m
A
r
o
r
r
E
r
e
i
f
i
l
p
m
A
r
o
r
r
E
r
e
i
f
i
l
p
m
A
r
o
r
r
Er
e
i
f
i
l
p
m
A
r
o
r
r
E
e
g
a
t
l
o
V
k
c
a
b
d
e
e
FV
B
F
V
5
.
5
<
c
c
V
<
V
5
.
4
0O
T
<
C
A
5
8
<
O
C
7
8
7
.
07
9
7
.
07
0
8
.
0V
V
2
.
3
1
<
c
c
V
<
V
8
.
0
1
0O
T
<
C
A
5
8
<
O
C
9
7
.
08
.
01
8
.
0V
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.
Note 1: Under pulsing condition, the peak negative voltage can not be lower than -3.6V with less than 20nS from 50% to 50%.
Absolute Maximum Ratings
Electrical Characteristics
Unless specified: V
CC = 12V, VBST - VPhase = 12 V, VOUT = 3.3V, TJ = TA = 25
o
C.
Note 2: Under pulsing condition, the peak negative voltage can not be lower than -5V with less than 20nS from 50% to 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com