Electronic Components Datasheet Search
  English  ▼

X  

SC2608BSTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2608BSTRT
Description  Simple, Synchronous Voltage Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2608BSTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC2608BSTRT Datasheet HTML 1Page - Semtech Corporation SC2608BSTRT Datasheet HTML 2Page - Semtech Corporation SC2608BSTRT Datasheet HTML 3Page - Semtech Corporation SC2608BSTRT Datasheet HTML 4Page - Semtech Corporation SC2608BSTRT Datasheet HTML 5Page - Semtech Corporation SC2608BSTRT Datasheet HTML 6Page - Semtech Corporation SC2608BSTRT Datasheet HTML 7Page - Semtech Corporation SC2608BSTRT Datasheet HTML 8Page - Semtech Corporation SC2608BSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
POWER MANAGEMENT
Draft
1
www.semtech.com
SC2608B
Simple, Synchronous
Voltage Mode PWM Controller
Features
Revision 4: Jan. 2007
The SC2608B is a versatile voltage-mode PWM control-
ler designed for use in step down DC/DC power supply
applications. A simple, fixed frequency, highly efficient
buck regulator can be implemented using the SC2608B
with minimal external components. The input voltage
range is from +5V to +12V. Internal level shift and drive
circuitry eliminates the need for an expensive P-channel,
high-side MOSFET. The small device footprint allows for
compact circuit design.
SC2608B features include temperature compensated
voltage reference, triangle wave oscillator, current limit
comparator, and an externally compensated error ampli-
fier. Current limit is implemented by sensing the voltage
drop across the bottom MOSFET R
DS(ON).
The SC2608B operates at a fixed frequency of 250kHz
providing an optimum compromise between efficiency ,
external component size, and cost.
SC2608B has a thermal protection circuit, which is
activated if the junction temperature exceeds 150 OC.
+5V or +12V input voltage
250kHz operation
High efficiency (>90%)
1.25% Voltage feedback accuracy over tempera-
ture
Hiccup mode over current protection
1.2A output drive
R
DS(ON) Current sensing for protection
Industrial temperature range
Available in SO-8 package
Integrated boot strap diode
Termination supplies
Low cost microprocessor supplies
Peripheral card supplies
Industrial power supplies
High density DC/DC conversion
Figure 1
Description
Applications
Typical Application Circuit
Thermal Shut down
Fully WEEE and RoHS Compliant


Similar Part No. - SC2608BSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2608 SEMTECH-SC2608 Datasheet
374Kb / 15P
Simple, Synchronous Voltage Mode PWM Controller
SC2608A SEMTECH-SC2608A Datasheet
557Kb / 15P
Simple, Synchronous Voltage Mode PWM Controller
SC2608AEVB SEMTECH-SC2608AEVB Datasheet
557Kb / 15P
Simple, Synchronous Voltage Mode PWM Controller
SC2608ASTRT SEMTECH-SC2608ASTRT Datasheet
557Kb / 15P
Simple, Synchronous Voltage Mode PWM Controller
SC2608EVB SEMTECH-SC2608EVB Datasheet
374Kb / 15P
Simple, Synchronous Voltage Mode PWM Controller
More results

Similar Description - SC2608BSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
Voltage-Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
Voltage Mode PWM Controller
logo
Semtech Corporation
SC1104 SEMTECH-SC1104 Datasheet
130Kb / 7P
Simple, Synchronous Voltage Mode PWM Controller
SC1104A SEMTECH-SC1104A Datasheet
285Kb / 14P
Simple, Synchronous Voltage Mode PWM Controller
SC2608 SEMTECH-SC2608 Datasheet
374Kb / 15P
Simple, Synchronous Voltage Mode PWM Controller
SC2608A SEMTECH-SC2608A Datasheet
557Kb / 15P
Simple, Synchronous Voltage Mode PWM Controller
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
Voltage Mode PWM Controller
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com