Electronic Components Datasheet Search
  English  ▼

X  

SC4217 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4217
Description  Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4217 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4217 Datasheet HTML 3Page - Semtech Corporation SC4217 Datasheet HTML 4Page - Semtech Corporation SC4217 Datasheet HTML 5Page - Semtech Corporation SC4217 Datasheet HTML 6Page - Semtech Corporation SC4217 Datasheet HTML 7Page - Semtech Corporation SC4217 Datasheet HTML 8Page - Semtech Corporation SC4217 Datasheet HTML 9Page - Semtech Corporation SC4217 Datasheet HTML 10Page - Semtech Corporation SC4217 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SC4217
7
Typical Characteristics
Unless otherwise noted, typical values are taken under the conditions: T
AMBIENT=25°C, V
IN=3.3V, VO=2.5V, IO=2A, CIN=COUT=0.mF(Ceramic)+0mF(Tantalum)
)
Output Voltage
Output Current
Load transient test
EN pin voltage
Output voltage
Input voltage
Soft start performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com