Electronic Components Datasheet Search
  English  ▼

X  

SC4524B Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4524B
Description  16V 2A Step-Down Switching Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524B Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC4524B Datasheet HTML 4Page - Semtech Corporation SC4524B Datasheet HTML 5Page - Semtech Corporation SC4524B Datasheet HTML 6Page - Semtech Corporation SC4524B Datasheet HTML 7Page - Semtech Corporation SC4524B Datasheet HTML 8Page - Semtech Corporation SC4524B Datasheet HTML 9Page - Semtech Corporation SC4524B Datasheet HTML 10Page - Semtech Corporation SC4524B Datasheet HTML 11Page - Semtech Corporation SC4524B Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SC4524B
8
Typical Characteristics (Cont.)
(10)
VIN Thresholds vs Temperature
2.4
2.5
2.6
2.7
2.8
2.9
3.0
-50 -25
0
25
50
75 100 125
Temperature (oC)
SS270 REV 6-7
Start
UVLO
(13)
VIN Quiescent Current vs VIN
0.0
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8
10 12 14 16
VIN (V)
SS270 REV 6-7
VCOMP = 0
-40oC
125oC
(12)
VIN Shutdown Current vs VIN
0
10
20
30
40
50
0
2
4
6
8
10 12 14 16
VIN (V)
SS270 REV 6-7
VSS = 0
-40oC
125oC
(15)
Soft-Start Charging Current
vs Soft-Start Voltage
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0
0.5
1
1.5
2
VSS (V)
SS270 REV 6-7
-40oC
125oC
(11)
VIN Supply Current
vs Soft-Start Voltage
0.0
0.5
1.0
1.5
2.0
2.5
0
0.5
1
1.5
2
VSS (V)
SS270 REV 6-7
-40oC
125oC
(14)
SS Shutdown Threshold
vs Temperature
0.20
0.25
0.30
0.35
0.40
-50 -25
0
25
50
75 100 125
Temperature (oC)
SS270 REV 6-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com