Electronic Components Datasheet Search
  English  ▼

X  

LTC2855IGNPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2855IGNPBF
Description  3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2855IGNPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2855IGNPBF Datasheet HTML 7Page - Linear Technology LTC2855IGNPBF Datasheet HTML 8Page - Linear Technology LTC2855IGNPBF Datasheet HTML 9Page - Linear Technology LTC2855IGNPBF Datasheet HTML 10Page - Linear Technology LTC2855IGNPBF Datasheet HTML 11Page - Linear Technology LTC2855IGNPBF Datasheet HTML 12Page - Linear Technology LTC2855IGNPBF Datasheet HTML 13Page - Linear Technology LTC2855IGNPBF Datasheet HTML 14Page - Linear Technology LTC2855IGNPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC2854/LTC2855
11
285455fa
Switchable Termination
Proper cable termination is very important for good
signal fidelity. If the cable is not terminated with its char-
acteristic impedance, reflections will result in distorted
waveforms.
The LTC2854/LTC2855 are the first 3.3V RS485/RS422
transceivers to offer integrated switchable termination
resistors on the receiver input pins. This provides the
advantage of being able to easily change, through logic
control, the line termination for optimal performance when
configuring transceiver networks.
When the TE pin is high, the termination resistor is enabled
and the differential resistance from A to B is 120Ω. Figure
10 shows the I/V characteristics between pins A and B
with the termination resistor enabled and disabled. The
resistance is maintained over the entire RS485 common
mode range of –7V to +12V as shown in Figure 11.
The integrated termination resistor has a high frequency
response which does not limit performance at the maximum
specified data rate. Figure 12 shows the magnitude and
phase of the termination impedance vs frequency.
Figure 10. Curve Trace Between A and B
with Termination Enabled and Disabled
Figure 11. Typical Resistance of the
Enabled Terminator vs Voltage on B Pin
Figure 12. Termination Magnitude
and Phase vs Frequency
10–1
100
FREQUENCY (MHz)
101
80
95
110
125
140
155
170
185
–75
–60
–45
–30
–15
0
15
30
285455 F12
MAGNITUDE
PHASE
COMMON MODE VOLTAGE (V)
–10
130
140
150
10
285455 F11
120
110
100
–5
0
5
15
VAB = 2V
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com