Electronic Components Datasheet Search
  English  ▼

X  

LT1001 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1001
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1001 Datasheet(HTML) 3 Page - Linear Technology

  LT1001 Datasheet HTML 1Page - Linear Technology LT1001 Datasheet HTML 2Page - Linear Technology LT1001 Datasheet HTML 3Page - Linear Technology LT1001 Datasheet HTML 4Page - Linear Technology LT1001 Datasheet HTML 5Page - Linear Technology LT1001 Datasheet HTML 6Page - Linear Technology LT1001 Datasheet HTML 7Page - Linear Technology LT1001 Datasheet HTML 8Page - Linear Technology LT1001 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC2753
3
2753f
ELECTRICAL CHARACTERISTICS V
DD = 5V, VREF = 5V unless otherwise specified. The ● denotes the
specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
SYMBOL PARAMETER
CONDITIONS
LTC2753-12
LTC2753-14
LTC2753B-16
LTC2753A-16
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Static Performance
Resolution
●
12
14
16
16
Bits
Monotonicity
●
12
14
16
16
Bits
DNL
Differential
Nonlinearity
●
±1
±1
±1
±0.2
±1
LSB
INL
Integral
Nonlinearity
●
±1
±1
±2
±0.4
±1
LSB
GE
Gain Error
All Output
Ranges
●
±0.5
±2
±1.5
±5
±20
±4
±14
LSB
GETC
Gain Error Temp-
erature Coefficient
ΔGain/ΔTemp
±0.6
±0.6
±0.6
±0.6
ppm/°C
BZE
Bipolar Zero Error
All Bipolar
Ranges
●
±0.2
±1
±0.6
±3
±12
±2
±8
LSB
BZSTC
Bipolar Zero Temp-
erature Coefficient
±0.5
±0.5
±0.5
±0.5
ppm/°C
PSR
Power Supply
Rejection
VDD = 5V, ±10%
VDD = 3V, ±10%
●
●
±0.025
±0.06
±0.1
±0.25
±0.4
±1
±0.03
±0.1
±0.2
±0.5
LSB/V
ILKG
IOUT1 Leakage
Current
TA = 25°C
TMIN to TMAX
●
±0.05
±2
±5
±0.05
±2
±5
±0.05
±2
±5
±0.05
±2
±5
nA
CIOUT1
Output
Capacitance
Full-Scale
Zero Scale
75
45
75
45
75
45
75
45
pF
pF
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resistances (Note 3)
R1, R2
Reference Inverting Resistors
(Note 4)
●
16
20
kΩ
RREF
DAC Input Resistance
●
810
kΩ
RFB
Feedback Resistor
(Note 3)
●
810
kΩ
ROFS
Bipolar Offset Resistor
(Note 3)
●
16
20
kΩ
RVOS
Offset Adjust Resistor
●
800
1000
kΩ
Dynamic Performance
Output Settling Time
0V to 10V Range, 10V Step. To ±0.0015% FS
(Note 5)
2μs
Glitch Impulse
(Note 6)
1
nV•s
Digital-to-Analog Glitch Impulse
(Note 7)
1
nV•s
Multiplying Feedthrough Error
0V to 10V Range, VREF = ±10V, 10kHz
Sine Wave
0.5
mV
THD
Total Harmonic Distortion
(Note 8) Multiplying
–110
dB
Output Noise Voltage Density
(Note 9) at IOUT1
13
nV/√⎯H⎯z
VDD = 5V, VREF = 5V unless otherwise specified. The ● denotes specifications that apply over the full operating temperature range,
otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com