Electronic Components Datasheet Search
  English  ▼

X  

AW2400S Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # AW2400S
Description  FIPS 140-2 High Security 2.4 GHz Outdoor Wireless Ethernet Radio
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AW2400S Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  AW2400S Datasheet HTML 1Page - Infinite Electronics International, Inc. AW2400S Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Application Example
Copyright AvaLAN Wireless Systems Incorporated. All rights reserved. AvaLAN Wireless and the AvaLAN Wireless logo are registered trademarks of AvaLAN Wireless Systems Incorporated. All other trade-
marks are property of their respective owners. AvaLAN Wireless makes no representations or warranties with respect to the accuracy, utility, or completeness of the contents of this publication and
reserves the right to make changes to specifications and product descriptions at any time without notice. No license, express or implied, by estoppel or otherwise, to any patents or other intellectual
property rights is granted by this document. Particular uses or applications may invalidate some of the specifications and/or product descriptions contained herein. The customer is urged to perform its
own engineering review before deciding on a particular application. AvaLAN Wireless products are not designed for use in medical, life saving, or life sustaining applications.
Technical specifications
Copyright
:: AvaLAN Wireless Systems Inc. :: All rights reserved
05.23.2012
CHARACTERISTIC
SPECIFICATION/DESCRIPTION
Security Validation
NIST FIPS 140-2 Level 2 Validated by CMVP Certificate No. 1452
Encryption Method
FIPS 197 Standard: 128, 192 or 256-bit AES
Encryption Block Mode
ECB (CBC coming soon)
RF transmission rate
1.536 Mbps
Ethernet data rate
935 Kbps
Output power
+17 dBm (4 Watts EIRP when used with 19 dBi antenna)
Receiver Sensitivity
-97 dBm at 10-4 BER
Range
30 miles line-of-sight with 19 dBi antenna (AW19-2400 ordered separately)
RF channels/bandwidth
29 non-overlapping channels with 2.0833 MHz spacing and 1.75 MHz bandwidth
Frequency selection
Automatic or manually selectable via web browser interface.
Connector types
RF: RPTNC Female / 10/100 base T Ethernet: RJ-45 / Encryption Config: Mini USB
Error correction technique
Sub-block error detection and retransmission
Adjacent band rejection
SAW receiver filter attenuates cellular and pager interference
Power regulation
Built-in switching regulator
Browser management tools
QoS Statistics, Network Settings, Spectrum Analyzer, Firmware Upgrade
Power consumption
Transmit: 1.7 Watts Receive: 0.8 Watts
Voltage
9 to 48 VDC via unused pins in RJ-45 jack - pins 4,5 positive, 7,8 ground
Temperature range
-40º C to +70º C
Physical Package
Heavy die-cast Aluminum, black powder-coated finish, meets IP66 Standard for water and dust
protection. Sealing gland for Ethernet cable entry.
Size
6 by 8 by 20 cm, 0.8 Kg, connectors included
Mounting holes on bottom flange, 52 by 190 mm, 4 mm dia.; 0.570 Kg
AW2400S
AW2400S-PAIR
FIPS 140-2 High Security
2.4 GHz Outdoor Wireless Ethernet Radio
FIPS 140-2 High Security
2.4 GHz Outdoor Wireless Ethernet Bridge
Contents:
• (1) AW2400S Radio
• (1) AW2-2400 2 dBi Omnidirectional Antenna
• (1) AW-POE Power Over Ethernet Injector
• (1) 110 VAC to 12 VDC power adapter
• (1) Mini USB Cable
Contents:
• (2) AW2400S Radios
• (2) AW2-2400 2 dBi Omnidirectional Antennas
• (2) AW-POE Power Over Ethernet Injectors
• (2) 110 VAC to 12 VDC power adapters
• (2) Mini USB Cables
Ordering Information
Surveillance Video, Access
Control and Perimeter Sensor
Communications at a Secure
Government Facility



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com