Electronic Components Datasheet Search
  English  ▼

X  

LT1124 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1124
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1124 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1124 Datasheet HTML 12Page - Linear Technology LT1124 Datasheet HTML 13Page - Linear Technology LT1124 Datasheet HTML 14Page - Linear Technology LT1124 Datasheet HTML 15Page - Linear Technology LT1124 Datasheet HTML 16Page - Linear Technology LT1124 Datasheet HTML 17Page - Linear Technology LT1124 Datasheet HTML 18Page - Linear Technology LT1124 Datasheet HTML 19Page - Linear Technology LT1124 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC2753
16
2753f
System Offset Adjustment
Many systems require compensation for overall system
offset. The RVOSA and RVOSB offset adjustment pins are
provided for this purpose. For noise immunity and ease
of adjustment, the control voltage is attenuated to the
DAC output:
VOS = –0.01 • V(RVOSX) [0V to 5V, ±2.5V spans]
VOS = –0.02 • V(RVOSX) [0V to 10V, ±5V, –2.5V to 7.5V
spans]
VOS = –0.04 • V(RVOSX) [±10V span]
The nominal input range of this pin is ±5V; other reference
voltages of up to 15V may be used if needed. The RVOSX
pins have an input impedance of 1MΩ. To preserve the
settling performance of the LTC2753, drive this pin with a
Thevenin-equivalent impedance of 10k or less. Short any
unused system offset adjustment pins to IOUT2.
Table 2. Span Codes
S2
S1
S0
SPAN
0
0
0
Unipolar 0V to 5V
0
0
1
Unipolar 0V to 10V
0
1
0
Bipolar –5V to 5V
0
1
1
Bipolar –10V to 10V
1
0
0
Bipolar –2.5V to 2.5V
1
0
1
Bipolar –2.5V to 7.5V
Codes not shown are reserved and should not be used.
Table 3. Address Codes
DAC CHANNEL
A1
A0
A0
0
B0
1
ALL*
1
1
Codes not shown are reserved and should not be used.
*If readback is taken using the All DACs address, the LTC2753 defaults to
DAC A.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com