Electronic Components Datasheet Search
  English  ▼

X  

TLE4906H Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4906H
Description  High Precision Hall-Effect Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4906H Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4906H Datasheet HTML 10Page - Infineon Technologies AG TLE4906H Datasheet HTML 11Page - Infineon Technologies AG TLE4906H Datasheet HTML 12Page - Infineon Technologies AG TLE4906H Datasheet HTML 13Page - Infineon Technologies AG TLE4906H Datasheet HTML 14Page - Infineon Technologies AG TLE4906H Datasheet HTML 15Page - Infineon Technologies AG TLE4906H Datasheet HTML 16Page - Infineon Technologies AG TLE4906H Datasheet HTML 17Page - Infineon Technologies AG TLE4906H Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
TLE4906H
TLE4906L
Package Information
Data Sheet
14
V 1.1, 2005-10
7.2
Distance between Chip and Package Surface
Figure 6
Distance Chip SC59 to Upper Side of IC
Figure 7
Distance Chip PG-SSO-3-2 to Upper Side of IC
AEA03244
Branded Side
d: Distance chip to upper side of IC
SC59: 0.545 ±0.05 mm
PG-SSO-3-2 : 0.57
d : Distance chip to upper side of IC
mm
±0.08
AEA02510-1
Hall-Probe
Branded Side
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com