Electronic Components Datasheet Search
  English  ▼

X  

AVX1008IPUS Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # AVX1008IPUS
Description  ADDERView CATxIP 1000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AVX1008IPUS Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  AVX1008IPUS Datasheet HTML 1Page - Infinite Electronics International, Inc. AVX1008IPUS Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADDER TECHNOLOGY
Technology House,Trafalgar Way, Bar Hill,
Cambridge, CB23 8SQ UK
Tel: +44 (0)1954 780044 Fax: +44 (0)1954 780081
email: sales@adder.com www.adder.com
ADDER CORPORATION
29 Water Street
Newburyport, MA 01950 USA
Tel: +1 888 932 3337 Fax: +1 888 275 1117
email: usasales@adder.com www.adder.com
ADDER TECHNOLOGY ASIA PACIFIC
6 New Industrial Road
#07-01 Hoe Huat Industrial Building, Singapore 536199
Tel: +65 6288 5767 Fax: +65 6284 1150
email: asiasales@adder.com www.adder.com
© Copyright 2010AdderTechnology Ltd.All brand names and trademarks are the property of their respective owners.AH-avx1008&1016ip_v1.ID
Example CAM: CATX-USB-A
RELATED PRODUCTS
Adder offer a vast range of products
to suit your needs. Other products you
may be interested in include:
ADDERView CATxIP
5000
AVX5016IP
ADDERView CATx IP
AVX4016;AVX4016IP;
AVX4024;AVX4024IP
ADDERLink IP
ALIP
ADDERLink IP GOLD
ALIP-GOLD
ADDERLink IPEPS
AL-IPEPS;AL-IPEPS-DA
ORDERING INFORMATION
CATx IP - 8 port version: AVX1008IP-XX
CATx IP - 16 port version: AVX1016IP-XX
XX
= Mains Lead Country Code:
UK
= United Kingdom
US
= United States
EURO
= Europe
AUS
= Australia
ADDITIONAL ACCESSORIES
CAM - Computer Access Modules:
PS/2 only: CATX-PS2
PS/2 plus audio: CATX-PS2-A
USB only: CATX-USB
USB plus audio: CATX-USB-A
Sun with audio: CATX-SUNA
Single Rack Kit: RMK-ALIP
Dual Rack Kit: RMK-ALIP-Dual
Serial option cable: CAB-9M/9F-2M
Slave power switch for connection to AdderView CATxIP 1000
or master power switch: PSU-8SLAVE
Master power switch for connection to AdderView CATxIP
1000 or standalone Ethernet operation: PSU-8MASTER
TECHNICAL SPECIFICATIONS
Video modes
Support for standard PC, Sun and Mac
video modes up to a resolution of
1600 x 1200 @ 60Hz. DDC emulation
supported via connected Computer
Access Modules (CAMs).
Hardware compatibility
Video, mouse, keyboard and optional
audio support for PC, Sun, Mac, RS/6000,
Alpha and SGI computers using PS/2, USB
or Sun flash upgradable Computer Access
Modules (CAMs).
OS compatibility
Operates with all currently known
software and operating systems including
all Windows versions, DOS, Linux, Unix,
BSD, all Sun OS, all Mac OS and NetWare.
Local console
Video: HDD15 socket
Keyboard/Mouse: USB type A sockets
Audio: 3.5mm stereo jack
Connections
Local console connections as stated
above.
CATx computer connections: all RJ45
style.
10/100 auto-sensing Ethernet network
port: RJ45.
Power connection: 2.5mm DC jack (5V
DC, 2.5A).
RS232 triggered power switching and
syncing: DB9 plug
Physical design
Compact 1U high metal case construction
suited for rack mounting (rack mount kits
available).
Width: 198mm/7.92”, Height:
44mm/1.76”, Depth: 120mm/4.8”.
Weight: 0.77kg/1.70lbs.
Power supply
Mains adaptor with IEC style power lead
(included).
Input: 100-240VAC 0.5A 50-60Hz
Output: 5VDC 2.5A
Operating temperature
0ºC to 40ºC / 32ºF to 104ºF
Approvals
CE, FCC
ABOUT ADDER
Adder is a leading developer and
thought leader in connectivity
solutions.Adder’s advanced range
of KVM switches, extenders and IP
solutions enable the control of local,
remote and global IT systems across
the enterprise.The company distributes
its products in more than 60 countries
through a network of distributors,
resellers and OEMs.Adder has offices
in the United States, United Kingdom,
Germany, the Netherlands, Sweden,
China and Singapore.
To find out more, visit:
http://www.adder.com.
ADDERVIEW CATxIP 1000
High density fully featured USB, Video and Audio contol for local, remote
and global users



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com