Electronic Components Datasheet Search
  English  ▼

X  

DS90C032 Datasheet(PDF) 2 Page - Texas Instruments

Part # DS90C032
Description  DS90C032 LVDS Quad CMOS Differential Line Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS90C032 Datasheet(HTML) 2 Page - Texas Instruments

  DS90C032 Datasheet HTML 1Page - Texas Instruments DS90C032 Datasheet HTML 2Page - Texas Instruments DS90C032 Datasheet HTML 3Page - Texas Instruments DS90C032 Datasheet HTML 4Page - Texas Instruments DS90C032 Datasheet HTML 5Page - Texas Instruments DS90C032 Datasheet HTML 6Page - Texas Instruments DS90C032 Datasheet HTML 7Page - Texas Instruments DS90C032 Datasheet HTML 8Page - Texas Instruments DS90C032 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DS90C032
SNLS094D – JUNE 1998 – REVISED APRIL 2013
www.ti.com
Functional Diagram and Truth Table
Receiver
ENABLES
INPUTS
OUTPUT
EN
EN*
RIN+ − RIN−
ROUT
L
H
X
Z
VID ≥ 0.1V
H
VID ≤ −0.1V
L
All other combinations of
Full Fail-safe
ENABLE inputs
OPEN/SHORT or
H
Terminated
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS90C032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com