Electronic Components Datasheet Search
  English  ▼

X  

AVX4024 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # AVX4024
Description  ADDERVIEW CATx Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AVX4024 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  AVX4024 Datasheet HTML 1Page - Infinite Electronics International, Inc. AVX4024 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Local, Remote and Global KVM Control
All trademarks acknowledged. Specifications subject to change without notice.
DS/AVCATx-11/05
ADDERVIEW CATx Series
The AdderView CATx Series is a range of secure, KVM via CATx switches that provide 4 concurrent
local, remote or global users with BIOS-level control of up to 24 multiplatform servers.
ADDER TECHNOLOGY LIMITED
Technology House, Trafalgar Way, Bar Hill, Cambridge, CB3 8SQ UK
Tel: +44 (0)1954 780044 Fax: +44 (0)1954 780081
email: sales@adder.com www.adder.com
ADDER CORPORATION
29 Water Street, Newburyport, MA 01950 USA
Tel: +1 888 932 3337 Fax: +1 888 275 1117
email: usasales@adder.com www.adder.com
TECHNICAL SPECIFICATIONS
Physical design
Local KVM console connection
Computer and remote CATx user connections
Network port (AdderView IP models only)
Power connections
Other connectors
Hardware compatibility
Software compatibility
Operating temperature
Approvals
AdderView CATx: 1U high metal case
482mm/19” (w), 215mm/8.5” (d), 45mm/1.8” (h)
AdderView CATxIP: 1U high metal case
482mm/19” (w), 280mm/8.5” (d), 45mm/1.8” (h)
rack mount kits inc
Video: HDD15. Keyboard/Mouse: MiniDin6 / USB
type A. Audio: 3.5mm stereo jack
All RJ45 style
RJ45 10/100Mb auto-sensing Ethernet port
IEC style power lead (100 – 240V AC, 50-60Hz).
Redundant via 2.5mm DC jack (5V DC, 4A)
DB9 female for flash upgrade, syncing boxes and
other special functions. DB9 male for RS232
triggered power switches. DB9 Male (AdderView IP
only) for modem connection
Supports PC, Sun (USB & 8-pin styles), Mac (USB),
RS/6000, Alpha and SGI computers using PS/2,
USB or Sun computer interface modules
Operates with all known software and operating
systems including Windows (all); DOS; Linux, Unix,
BSD; all Sun OS; all Mac OS; NetWare
OºC to 40ºC / 32ºF to 104ºF
CE, FCC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com