Electronic Components Datasheet Search
  English  ▼

X  

AXAFMEJFMEJ Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXAFMEJFMEJ
Description  ADP,FME JACK / JACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXAFMEJFMEJ Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXAFMEJFMEJ Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.26
32.0
2X M8 X P0.75
.315
8.0
RoHS Compliant 
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: DC ~ 200 MHz
MISCELLANEOUS:
ADAPTER SHALL BE INDIVIDUALLY PACKAGED
IN ACCORDANCE WITH L-COM SPEC. PS-0031
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL
DIELECTRIC
TEFLON
---
PIN
BRASS
GOLD
NUT
BRASS
NICKEL
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AXA-FMEJFMEJ
A
AXA-FMEJFMEJ.SLDDRW
1
1
K. BURGNER
11/10/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K. BURGNER
11/10/10
11/10/10
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADP,FME JACK / JACK
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. CASTRO
COLOR VARIATIONS
MAY OCCUR
11/10/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - AXAFMEJFMEJ

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXAFMEPFMEP L-COM-AXAFMEPFMEP Datasheet
117Kb / 1P
ADP,FME PLUG / PLUG
11/10/10
More results

Similar Description - AXAFMEJFMEJ

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9708 PASTERNACK-PE9708 Datasheet
253Kb / 2P
SMA Female to FME Jack Adapter
PE9709 PASTERNACK-PE9709 Datasheet
74Kb / 1P
FME JACK TO MINI UHF MALE
PE9711 PASTERNACK-PE9711 Datasheet
252Kb / 2P
FME Jack to BNC Male Adapter
PE9712 PASTERNACK-PE9712 Datasheet
252Kb / 2P
FME Jack to BNC Female Adapter
PE9713 PASTERNACK-PE9713 Datasheet
255Kb / 2P
TNC Male to FME Jack Adapter
PE34856 PASTERNACK-PE34856 Datasheet
106Kb / 1P
CABLE ASSEMBLY RG58C/U FME JACK TO FME JACK
PE34856LF PASTERNACK-PE34856LF Datasheet
108Kb / 1P
CABLE ASSEMBLY, RG58C/U, FME JACK TO FME JACK
PE34858LF PASTERNACK-PE34858LF Datasheet
276Kb / 1P
CABLE ASSEMBLY, RG142B/U, FME JACK TO FME JACK
PE34860 PASTERNACK-PE34860 Datasheet
265Kb / 1P
CABLE ASSEMBLY, RG174A/U, FME JACK TO FME JACK
PE34860LF PASTERNACK-PE34860LF Datasheet
230Kb / 1P
CABLE ASSEMBLY, RG174A/U, FME JACK TO FME JACK (LEAD FREE)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com