Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1813
Description  1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1813 Datasheet HTML 3Page - Linear Technology LT1813 Datasheet HTML 4Page - Linear Technology LT1813 Datasheet HTML 5Page - Linear Technology LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology LT1813 Datasheet HTML 10Page - Linear Technology LT1813 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC6401-20
7
640120f
OUTPUT COMMON MODE VOLTAGE (V)
1.0
1.1
1.2
1.3
1.4
1.5
640120 G18
HD2
HD3
–40
–50
–60
–80
–90
–70
–100
DIFFERENTIAL INPUT
VOUT = 2VP-P at 100MHz
RL = 400Ω
FREQUENCY (MHz)
640120 G17
0
50
100
150
200
–40
–50
–60
–80
–90
–70
–120
–110
–100
UNFILTERED NO RL
UNFILTERED 200
Ω RL
FILTERED NO RL
SINGLE-ENDED INPUT
VOUT = 2VP-P COMPOSITE
–40
–50
–60
–80
–90
–70
–120
–110
–100
0
50
100
150
200
FREQUENCY (MHz)
640120 G16
HD2
HD3
SINGLE-ENDED INPUT
VOUT = 2VP-P
NO RL
0
50
100
150
200
HD2 NO RL
HD2 200
Ω RL
HD3 NO RL
HD3 200
Ω RL
SINGLE-ENDED INPUT
VOUT = 2VP-P
–40
–50
–60
–80
–90
–70
–120
–110
–100
FREQUENCY (MHz)
640120 G15
640120 G13
FREQUENCY (MHz)
–40
–50
–60
–80
–90
–70
–120
–110
–100
HD2
HD3
DIFFERENTIAL INPUT
VOUT = 2VP-P
NO RL
0
50
100
150
200
0
50
100
150
200
–40
–50
–60
–80
–90
–70
–120
–110
–100
FREQUENCY (MHz)
640120 G14
UNFILTERED NO RL
UNFILTERED 200
Ω RL
FILTERED NO RL
DIFFERENTIAL INPUT
VOUT = 2VP-P COMPOSITE
FREQUENCY (MHz)
640120 G12
0
50
100
150
200
HD2 NO RL
HD2 200
Ω RL
HD3 NO RL
HD3 200
Ω RL
DIFFERENTIAL INPUT
VOUT = 2VP-P
–40
–50
–60
–80
–90
–70
–120
–110
–100
TYPICAL PERFORMANCE CHARACTERISTICS
Harmonic Distortion (Unfiltered)
vs Frequency
Harmonic Distortion (Filtered) vs
Frequency
Third Order Intermodulation
Distortion vs Frequency
Harmonic Distortion (Unfiltered)
vs Frequency
Harmonic Distortion (Filtered) vs
Frequency
Third Order Intermodulation
Distortion vs Frequency
Harmonic Distortion vs Output
Common Mode Voltage
(Unfiltered Outputs)
Equivalent Output 1dB
Compression Point vs Frequency
FREQUENCY (MHz)
50
20
19
18
16
17
15
80
110
140
170
200
640020 G19
DIFFERENTIAL INPUT
RL = 400Ω
(NOTE 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com