Electronic Components Datasheet Search
  English  ▼

X  

FPC401RHUR Datasheet(PDF) 9 Page - Texas Instruments

Part # FPC401RHUR
Description  FPC401 Quad Port Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

FPC401RHUR Datasheet(HTML) 9 Page - Texas Instruments

Back Button FPC401RHUR Datasheet HTML 3Page - Texas Instruments FPC401RHUR Datasheet HTML 4Page - Texas Instruments FPC401RHUR Datasheet HTML 5Page - Texas Instruments FPC401RHUR Datasheet HTML 6Page - Texas Instruments FPC401RHUR Datasheet HTML 7Page - Texas Instruments FPC401RHUR Datasheet HTML 8Page - Texas Instruments FPC401RHUR Datasheet HTML 9Page - Texas Instruments FPC401RHUR Datasheet HTML 10Page - Texas Instruments FPC401RHUR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
52X (0.5)
(R0.05) TYP
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
56X (0.6)
56X (0.24)
(4.8)
(10.8)
(8.4)
(2.4)
(
0.2) TYP
VIA
4X (1.28)
2X (3.95)
2X (0.95)
WQFN - 0.8 mm max height
RHU0056A
PLASTIC QUAD FLATPACK - NO LEAD
4219076/A 01/2021
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 10X
SEE SOLDER MASK
DETAIL
1
20
21
28
29
48
49
56
57
METAL EDGE
SOLDER MASK
OPENING
EXPOSED METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DEFINED
SOLDER MASK DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com