Electronic Components Datasheet Search
  English  ▼

X  

INA101HP Datasheet(PDF) 1 Page - Texas Instruments

Part # INA101HP
Description  High Accuracy INSTRUMENTATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA101HP Datasheet(HTML) 1 Page - Texas Instruments

  INA101HP Datasheet HTML 1Page - Texas Instruments INA101HP Datasheet HTML 2Page - Texas Instruments INA101HP Datasheet HTML 3Page - Texas Instruments INA101HP Datasheet HTML 4Page - Texas Instruments INA101HP Datasheet HTML 5Page - Texas Instruments INA101HP Datasheet HTML 6Page - Texas Instruments INA101HP Datasheet HTML 7Page - Texas Instruments INA101HP Datasheet HTML 8Page - Texas Instruments INA101HP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
FEATURES
q LOW DRIFT: 0.25
µV/°C max
q LOW OFFSET VOLTAGE: 25
µV max
q LOW NONLINEARITY: 0.002%
q LOW NOISE: 13nV/
√Hz
q HIGH CMR: 106dB AT 60Hz
q HIGH INPUT IMPEDANCE: 1010
Ω
q 14-PIN PLASTIC, CERAMIC DIP,
SOL-16, AND TO-100 PACKAGES
High Accuracy
INSTRUMENTATION AMPLIFIER
APPLICATIONS
q STRAIN GAGES
q THERMOCOUPLES
q RTDs
q REMOTE TRANSDUCERS
q LOW-LEVEL SIGNALS
q MEDICAL INSTRUMENTATION
The INA101 is packaged in TO-100 metal, 14-pin
plastic and ceramic DIP, and SOL-16 surface-mount
packages. Commercial, industrial and military tem-
perature range models are available.
®
DESCRIPTION
The INA101 is a high accuracy instrumentation ampli-
fier designed for low-level signal amplification and
general purpose data acquisition. Three precision op
amps and laser-trimmed metal film resistors are inte-
grated on a single monolithic integrated circuit.
INA101
A
1
A
2
A
3
8
7
10k
Ω
10k
Ω
10k
Ω
10k
Ω
2
9
5
4
1
10
–Input
+Input
R
G
Offset
Adj.
+V
CC
INA101
Common
Output
20k
Ω
20k
Ω
3
–V
CC
6
TO-100 PACKAGE
A
1
A
2
A
3
1
14
10k
Ω
10k
Ω
10k
Ω
10k
Ω
6
2
12
11
4
3
–Input
+Input
R
G
Offset
Adj.
+V
CC
INA101
Common
Output
20k
Ω
20k
Ω
7
–V
CC
13
DIP PACKAGE
A
1 Output
8
A
2 Output
9
10
5
Gain Sense 1
Gain Set 1
Gain Set 2
Gain Sense 2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
©1981 Burr-Brown Corporation
PDS-454K
Printed in U.S.A. July, 1998
SBOS133


Similar Part No. - INA101HP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA101HP BURR-BROWN-INA101HP Datasheet
91Kb / 6P
High Accuracy INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA101HP TI1-INA101HP Datasheet
267Kb / 11P
High Accuracy INSTRUMENTATION AMPLIFIER
logo
List of Unclassifed Man...
INA101HP ETC2-INA101HP Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Texas Instruments
INA101HPG4 TI1-INA101HPG4 Datasheet
267Kb / 11P
High Accuracy INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA101HP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP02 AD-AMP02 Datasheet
266Kb / 12P
High Accuracy 8-Pin Instrumentation Amplifier
REV.D
logo
Burr-Brown (TI)
INA101 BURR-BROWN-INA101 Datasheet
91Kb / 6P
High Accuracy INSTRUMENTATION AMPLIFIER
INA104 BURR-BROWN-INA104 Datasheet
132Kb / 11P
Very-High Accuracy INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD522 AD-AD522_02 Datasheet
451Kb / 4P
High Accuracy Data Acquisition Instrumentation Amplifier
REV.A
AMP02 AD-AMP02_03 Datasheet
224Kb / 12P
High Accuracy Instrumentation Amplifier
REV. E
AMP02EPZ AD-AMP02EPZ Datasheet
172Kb / 12P
High Accuracy Instrumentation Amplifier
REV. E
AMP02 AD-AMP02_15 Datasheet
224Kb / 12P
High Accuracy Instrumentation Amplifier
REV. E
logo
Texas Instruments
INA101 TI1-INA101 Datasheet
267Kb / 11P
High Accuracy INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP02 AD-AMP02_16 Datasheet
284Kb / 13P
High Accuracy Instrumentation Amplifier
Rev. E
AD522 AD-AD522_17 Datasheet
483Kb / 5P
High Accuracy Data Acquisition Instrumentation Amplifier
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com