Electronic Components Datasheet Search
  English  ▼

X  

INA111AP Datasheet(PDF) 11 Page - Texas Instruments

Part # INA111AP
Description  High Speed FET-Input INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA111AP Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA111AP Datasheet HTML 7Page - Texas Instruments INA111AP Datasheet HTML 8Page - Texas Instruments INA111AP Datasheet HTML 9Page - Texas Instruments INA111AP Datasheet HTML 10Page - Texas Instruments INA111AP Datasheet HTML 11Page - Texas Instruments INA111AP Datasheet HTML 12Page - Texas Instruments INA111AP Datasheet HTML 13Page - Texas Instruments INA111AP Datasheet HTML 14Page - Texas Instruments INA111AP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
®
INA111
11
FIGURE 12. Voltage Controlled Current Source.
FIGURE 11. AC-Coupled Instrumentation Amplifier.
FIGURE 13. Shield Driver Circuit.
FIGURE 14. Multiplexed-Input Data Acquisition System.
INA111
R
G
V
O
C
1
0.1µF
OPA602
Ref
R
1
1M
Ω
f
–3dB =
1
2
πR
1C1
= 1.59Hz
V
IN
+
–
INA111
V
IN
+
–
V
IN
+
–
Channel 8
Channel 1
MPC800
MUX
ADS574
+5V
12 Bits
Out
R
G
Ref
INA111
OPA177
C
1
50nF
R
G
R
2
R
G
Make G
≤ 10 where G = 1 + 50k
Load
V
IN
G • R
2
I
L =
R
1
10k
Ω
V
IN
Ref
INA111
V
IN
–
V
IN
+
OPA602
511
Ω
22.1k
Ω
22.1k
Ω
Ref
V
O
For G = 100
R
G = 511Ω // 2(22.1kΩ)
effective R
G = 505Ω
100
Ω
NOTE: Driving the shield minimizes CMR degradation
due to unequally distributed capacitance on the input
line. The shield is driven at approximately 1V below
the common-mode input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com