Electronic Components Datasheet Search
  English  ▼

X  

INA148 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA148
Description  ±200V Common-Mode Voltage DIFFERENCE AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA148 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA148 Datasheet HTML 8Page - Texas Instruments INA148 Datasheet HTML 9Page - Texas Instruments INA148 Datasheet HTML 10Page - Texas Instruments INA148 Datasheet HTML 11Page - Texas Instruments INA148 Datasheet HTML 12Page - Texas Instruments INA148 Datasheet HTML 13Page - Texas Instruments INA148 Datasheet HTML 14Page - Texas Instruments INA148 Datasheet HTML 15Page - Texas Instruments INA148 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
®
INA148
1M
Ω
50k
Ω
52.6316k
Ω
50k
Ω
2.7778k
Ω
1M
Ω
3
2
6
1
A1
INA148
7
4
V
O
200k
Ω
R
S
50mV
shunt
2
3
7
4
6
–V
ISO
+V
ISO
1k
Ω
OPA277
I
V
CM = ±200V max
–15V
±50mV Input = ±10V Output
IN5245
IN5245
+V
ISO
–V
ISO
6
5
7
+15
C
–15
+V
S
O
DCP011515D
2
1
0.47
µF ceramic (all)
+15V
+15V
0.1
µF
0.1
µF
FIGURE 9. 50mV Current Shunt Amplifier with
±200V Common-Mode Voltage Range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com