Electronic Components Datasheet Search
  English  ▼

X  

AXANMNF90 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXANMNF90
Description  ADP,N-Male to N-Female R/Angle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXANMNF90 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXANMNF90 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.260
32.0
1.260
32.0
.787
20.0
5/8-24 UNEF-2A
5/8-24 UNEF-2B
RoHS Compliant 
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
DIELECTRIC WITHSTAND VOLTAGE: 2500 VOLTS PEAK
FREQUENCY RANGE: DC ~ 11 GHz
INSERTION LOSS: .15 dB MAX.
VOLTAGE RATING: 1500 V PEAK
MISCELLANEOUS:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPEC PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY
DESCRIPTION
MATERIAL
PLATING
BODY 1
BRASS
NICKEL
BODY 2
BRASS
NICKEL
DIELECTRIC
TEFLON
-
CENTER PIN 1
BRASS
GOLD
CENTER PIN 2
BRASS
GOLD
RETAINING RING
BRASS
NICKEL
GASKET
RUBBER
-
PRESS FIT GROUND
RING
BRASS
NICKEL
SHELL
BRASS
NICKEL
STAMP WASHER
BRASS
NICKEL
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AXA-NMNF90
A
AXA-NMNF90.SLDDRW
1
1
K. BURGNER
4/6/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K. BURGNER
4/6/10
4/6/10
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADP,N-Male to N-Female R/Angle
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. CASTRO
COLOR VARIATIONS
MAY OCCUR
4/6/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - AXANMNF90

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXANMNM L-COM-AXANMNM Datasheet
30Kb / 1P
N-MALE TO N-MALE BARREL" ADAPTOR
04/01/16
AXANMNM90 L-COM-AXANMNM90 Datasheet
38Kb / 1P
N-MALE TO N-MALE RIGHT ANGLE ADAPTER
07/18/06
More results

Similar Description - AXANMNF90

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9086 PASTERNACK-PE9086 Datasheet
253Kb / 3P
N Male to N Female Right Angle Adapter
PE9311 PASTERNACK-PE9311 Datasheet
253Kb / 3P
N Male to N Female Adapter
logo
List of Unclassifed Man...
8030 ETC2-8030 Datasheet
122Kb / 1P
TYPE N FEMALE TO TYPE N MALE RADIUS R/A ADAPTER
logo
Rosenberger Hochfrequen...
SLJ12SP-53F53R-X-00 ROSENBERGER-SLJ12SP-53F53R-X-00 Datasheet
551Kb / 2P
1/2" JUMPER N MALE / N R/A FEMALE
SLJ14SP-53R53R-X-00 ROSENBERGER-SLJ14SP-53R53R-X-00 Datasheet
540Kb / 2P
N R/A MALE / N R/A MALE
SLJ38SF-53M53R-X-00 ROSENBERGER-SLJ38SF-53M53R-X-00 Datasheet
79Kb / 2P
N MALE / N R/A MALE
logo
Pasternack Enterprises,...
PE3996 PASTERNACK-PE3996 Datasheet
663Kb / 4P
N Male to N Female Cable
PE3997 PASTERNACK-PE3997_17 Datasheet
130Kb / 1P
N Male to N Female Cable
logo
Mini-Circuits
NF-NMR50 MINI-NF-NMR50 Datasheet
218Kb / 2P
Adapter Right Angle N-Female to N-Male
NF-NMR50-18 MINI-NF-NMR50-18 Datasheet
214Kb / 2P
Adapter Right Angle N-Female to N-Male
REV. OR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com