Electronic Components Datasheet Search
  English  ▼

X  

CD40106 Datasheet(PDF) 8 Page - SYC Electronica

Part # CD40106
Description  CMOS Hex Schmitt Triggers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD40106 Datasheet(HTML) 8 Page - SYC Electronica

  CD40106 Datasheet HTML 1Page - SYC Electronica CD40106 Datasheet HTML 2Page - SYC Electronica CD40106 Datasheet HTML 3Page - SYC Electronica CD40106 Datasheet HTML 4Page - SYC Electronica CD40106 Datasheet HTML 5Page - SYC Electronica CD40106 Datasheet HTML 6Page - SYC Electronica CD40106 Datasheet HTML 7Page - SYC Electronica CD40106 Datasheet HTML 8Page - SYC Electronica CD40106 Datasheet HTML 9Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CD40106BMS
FIGURE 16. ASTABLE MULTIVIBRATOR
FIGURE 17. HYSTERESIS DEFINITION, CHARACTERISTICS, AND TEST SETUP
FIGURE 18. INPUT AND OUTPUT CHARACTERISTICS
Applications (Continued)
VDD
VSS
R
C
VSS
tA = RC
n
50k
Ω≤ R ≤ 1MΩ
100pF
≤ C ≤ 1µF
VP
VN
FOR THE RANGE OF R AND C
GIVEN 2
µs < tA < 0.4s
tA
VDD-VN
VDD-VP
1/6 CD40106BMS
VDD
VIN
VSS
VDD
VO
VSS
VP
VN
VH
VH
VN
VP
VO
VIN
VH = VP - VN
(a) DEFINITION OF VP, VN, VH
(b) TRANSFER CHARACTERISTIC OF 1 OF 6 GATES
VIN
VO
LOGIC “1”
OUTPUT
REGION
LOGIC “0”
OUTPUT
REGION
LOGIC “1”
INPUT
REGION
LOGIC “0”
INPUT
REGION
VDD
VSS
VOL
VN
VP
VOH
OUTPUT
CHARACTERISTIC
INPUT
CHARACTERISTIC
DRIVER
LOAD
VOL
VOH
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com