Electronic Components Datasheet Search
  English  ▼

X  

LTC4216 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4216
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4216 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4216 Datasheet HTML 9Page - Linear Technology LTC4216 Datasheet HTML 10Page - Linear Technology LTC4216 Datasheet HTML 11Page - Linear Technology LTC4216 Datasheet HTML 12Page - Linear Technology LTC4216 Datasheet HTML 13Page - Linear Technology LTC4216 Datasheet HTML 14Page - Linear Technology LTC4216 Datasheet HTML 15Page - Linear Technology LTC4216 Datasheet HTML 16Page - Linear Technology LTC4216 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC4223-1/LTC4223-2
13
422312f
APPLICATIONS INFORMATION
As the TIMER capacitor is used for fault filtering during
power-up for both the auxiliary and 12V supplies, only
one supply can be started up at any one time. The other
supply waits until the power-good signal is generated by
the powering-up supply and the TIMER pin voltage falls
below 0.2V. By default, the 3.3V auxiliary supply starts up
first if both AUXON and 12ON are high at the end of the
debounce cycle.
Whenever both AUXON and 12ON are pulled low, the de-
vice is in reset mode and TIMER capacitor is discharged
to ground by an 8mA current sink.
Thermal Shutdown
The internal 3.3V auxiliary supply switch is protected by
thermal shutdown. If the switch’s temperature reaches
150°C, the aux switch will shut off immediately and ⎯F⎯A⎯U⎯L⎯T
will pull low. The external 12V supply switch also turns
off. The switches are allowed to turn on again by cycling
both the AUXON and 12ON pins low then high after the
internal switch’s temperature falls below 120°C.
Overcurrent Fault
The LTC4223 features an adjustable current limit with circuit
breaker function that protects the external MOSFET against
short circuits or excessive load current on 12V supply. The
voltage across the external sense resistor is monitored by
the analog current limit (ACL) amplifier and the electronic
circuit breaker (ECB) comparator. If an overcurrent fault
occurs that causes the sense voltage to reach the ACL
threshold (60mV), the ACL amplifier regulates the MOSFET
to prevent any further increase in current. This overcurrent
condition results in a sense voltage that exceeds the ECB
threshold. As a result, the TIMER capacitor is charged
by a 200μA current. If the condition persists, the TIMER
pin voltage will reach its threshold (1.235V). When this
occurs, the ⎯F⎯A⎯U⎯L⎯T pin pulls low and a 1mA current pulls
the GATE pin to ground causing the MOSFET to turn off.
The circuit breaker time delay, the time required for the
TIMER pin capacitor to charge from ground to the TIMER
pin threshold, is given by CT • 6[ms/μF].
After the MOSFET turns off, the TIMER pin capacitor dis-
charges with a 2μA pull-down current. For the auto-retry
version (LTC4223-2), if the TIMER discharges to below
0.2V, a new start-up cycle will begin. The TIMER starts
ramping up and clears faults when it exceeds 1.235V;
thereafter it ramps down (see the section on Auto-Retry
for details). Figure 5 shows an overcurrent fault on the
12V output.
In the event of a severe short-circuit fault on 12V output
as shown in Figure 6, the output current can surge to
tens of amperes. The LTC4223 responds within a very
short time to bring the current under control by pulling
the MOSFET’s GATE-to-SOURCE pin voltage down to zero
volts. Thereafter, the GATE of the MOSFET recovers rapidly
due to the RG/CG compensation network and enters into
active current limiting until the TIMER times out. Due to
parasitic supply lead inductance, an input supply without
any bypass capacitor will collapse during the high cur-
rent surge and then spike upwards when the current is
interrupted. An input supply transient protection network
comprising of Z1, R1 and C1 shown in Figure 13 is recom-
mended if there is no input capacitance.
Figure 5. Overcurrent Fault on 12V Output
0.1ms/DIV
12VGATE
5V/DIV
FAULT
5V/DIV
12VOUT
5V/DIV
422312 F05
ILOAD
5A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com