Electronic Components Datasheet Search
  English  ▼

X  

IRF640 Datasheet(PDF) 2 Page - SYC Electronica

Part # IRF640
Description  N - CHANNEL 200V - 0.150W - 18A TO-220/TO-220FP MESH OVERLAYÔ MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

IRF640 Datasheet(HTML) 2 Page - SYC Electronica

  IRF640 Datasheet HTML 1Page - SYC Electronica IRF640 Datasheet HTML 2Page - SYC Electronica IRF640 Datasheet HTML 3Page - SYC Electronica IRF640 Datasheet HTML 4Page - SYC Electronica IRF640 Datasheet HTML 5Page - SYC Electronica IRF640 Datasheet HTML 6Page - SYC Electronica IRF640 Datasheet HTML 7Page - SYC Electronica IRF640 Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
TO-220
TO-220FP
Rthj-case
Thermal Resistance Junction-case
Max
1.0
3.12
oC/W
Rthj-amb
Rthc-sink
Tl
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead Temperature For Soldering Purpose
62.5
0.5
300
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
18
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25
oC, I
D = IAR, VDD = 50 V)
280
mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250
µA
VGS = 0
200
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating
Tc = 125
oC
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS =
± 20 V
± 100
nA
ON (
∗)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold
Voltage
VDS = VGS
ID = 250
µA
23
4
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V
ID = 9 A
0.15
0.18
Ω
ID(on)
On State Drain Current VDS > ID(on) x RDS(on)max
VGS = 10 V
18
A
DYNAMIC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (
∗)
Forward
Transconductance
VDS > ID(on) x RDS(on)max
ID = 9 A
7
11
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25 V
f = 1 MHz
VGS = 0
1200
200
60
1560
260
80
pF
pF
pF
IRF640/FP
2/9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com