Electronic Components Datasheet Search
  English  ▼

X  

LT6202 Datasheet(PDF) 5 Page - Linear Technology

Part # LT6202
Description  1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6202 Datasheet(HTML) 5 Page - Linear Technology

  LT6202 Datasheet HTML 1Page - Linear Technology LT6202 Datasheet HTML 2Page - Linear Technology LT6202 Datasheet HTML 3Page - Linear Technology LT6202 Datasheet HTML 4Page - Linear Technology LT6202 Datasheet HTML 5Page - Linear Technology LT6202 Datasheet HTML 6Page - Linear Technology LT6202 Datasheet HTML 7Page - Linear Technology LT6202 Datasheet HTML 8Page - Linear Technology LT6202 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC6401-20
5
640120f
AC ELECTRICAL CHARACTERISTICS
FREQUENCY (MHz)
0
100
0
–100
–200
–300
–400
1.5
1.2
0.9
0.6
0.3
0
200
400
600
800
1000
640120 G03
PHASE
GROUP DELAY
TEST CIRCUIT B
FREQUENCY (MHz)
10
100
1000
1.0
0.8
–0.8
0.6
–0.6
0.4
–0.4
0.2
–0.2
0
–1.0
640120 G02
TEST CIRCUIT B
FREQUENCY (MHz)
10
100
1000
3000
25
20
15
10
5
0
640120 G01
TEST CIRCUIT B
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Input pins (+IN, –IN) are protected by steering diodes to either
supply. If the inputs go beyond either supply rail, the input current should
be limited to less than 10mA.
Note 3: The LTC6401C and LTC6401I are guaranteed functional over the
operating temperature range of –40°C to 85°C.
Note 4: The LTC6401C is guaranteed to meet specified performance from
0°C to 70°C. It is designed, characterized and expected to meet specified
performance from –40°C to 85°C but is not tested or QA sampled at these
temperatures. The LTC6401I is guaranteed to meet specified performance
from –40°C to 85°C.
Note 5: Input and output baluns used. See Test Circuit A.
Note 6: Measured using Test Circuit B.
Note 7: Since the LTC6401-20 is a feedback amplifier with low output
impedance, a resistive load is not required when driving an AD converter.
Therefore, typical output power is very small. In order to compare the
LTC6401-20 with amplifiers that require 50Ω output load, the LTC6401-20
output voltage swing driving a given RL is converted to OIP3 and P1dB as
if it were driving a 50Ω load. Using this modified convention, 2VP-P is by
definition equal to 10dBm, regardless of the actual RL.
TYPICAL PERFORMANCE CHARACTERISTICS
Frequency Response
Gain 0.1dB Flatness
S21 Phase and Group Delay vs
Frequency
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IMD3,140M
Third-Order Intermodulation
(f1 = 139.5MHz f2 = 140.5MHz)
2VP-P,OUT Composite, RL = 400Ω
–71
dBc
2VP-P,OUT Composite, No RL
–74
dBc
2VP-P,OUTFILT Composite, No RL
–72
dBc
OIP3,140M
Third-Order Output Intercept Point
(f1 = 139.5MHz f2 = 140.5MHz)
2VP-P,OUT Composite, No RL (Note 7)
41
dBm
P1dB,140M
1dB Compression Point
RL = 375Ω (Notes 5, 7)
18
dBm
NF140M
Noise Figure
RL = 375Ω (Note 5)
6.4
dB
eIN,140M
Input Referred Voltage Noise Density
Includes Resistors (Short Inputs)
2.1
nV/√⎯H⎯z
eON,140M
Output Referred Voltage Noise Density Includes Resistors (Short Inputs)
22
nV/√⎯H⎯z
IMD3,130M/150M
Third-Order Intermodulation
(f1 = 130MHz f2 = 150MHz) Measure
at 170MHz
2VP-P,OUT Composite, RL = 375Ω (Note 5)
–61
–69
dBc
Specifications are at TA = 25°C. V+ = 3V, V– = 0V, +IN and –IN
floating, VOCM = 1.25V, ⎯E⎯N⎯A⎯B⎯L⎯E = 0V, No RL unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com