Electronic Components Datasheet Search
  English  ▼

X  

LTC2601 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2601
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2601 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2601 Datasheet HTML 2Page - Linear Technology LTC2601 Datasheet HTML 3Page - Linear Technology LTC2601 Datasheet HTML 4Page - Linear Technology LTC2601 Datasheet HTML 5Page - Linear Technology LTC2601 Datasheet HTML 6Page - Linear Technology LTC2601 Datasheet HTML 7Page - Linear Technology LTC2601 Datasheet HTML 8Page - Linear Technology LTC2601 Datasheet HTML 9Page - Linear Technology LTC2601 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC2753
6
2753f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD = 2.7V to 3.3V
t22
READ Falling Edge to UPD Rising Edge
(Note 10)
●
10
ns
t23
I/O Bus Hi-Z to Read Rising Edge
(Note 10)
●
0ns
t24
Read Falling Edge to I/O Bus Active
(Note 10)
●
35
ns
CLR Timing
t25
CLR Pulse Width Low
●
20
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Continuous operation above the specified maximum operating
junction temperature may impair device reliability.
Note 3: Because of the proprietary SoftSpan switching architecture, the
measured resistance looking into each of the specified pins is constant for
all output ranges if the IOUT1X and IOUT2X pins are held at ground.
Note 4: R1 is measured from RIN to RCOM; R2 is measured from REFA to
RCOM.
Note 5: Using LT1469 with CFEEDBACK = 15pF. A ±0.0015% settling time
of 1.7μs can be achieved by optimizing the time constant on an individual
basis. See Application Note 74, Component and Measurement Advances
Ensure 16-Bit DAC Settling Time.
Note 6: Measured at the major carry transition, 0V to 5V range. Output
amplifier: LT1469; CFB = 27pF.
Note 7. Full-scale transition; REF = 0V.
Note 8. REF = 6VRMS at 1kHz. 0V to 5V range. DAC code = FS. Output
amplifier = LT1469.
Note 9. Calculation from Vn = √⎯4⎯k⎯T⎯R⎯⎯⎯B, where k = 1.38E-23 J/°K
(Boltzmann constant), R = resistance (Ω), T = temperature (°K), and B =
bandwidth (Hz).
Note 10. Guaranteed by design. Not production tested.
TIMING CHARACTERISTICS The ● denotes specifications that apply over the full operating temperature range,
otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com