Electronic Components Datasheet Search
  English  ▼

X  

MSC8126MP8000 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MSC8126MP8000
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8126MP8000 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MSC8126MP8000 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8126MP8000 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8126MP8000 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8126MP8000 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC8126MP8000 Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC8126MP8000 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8126MP8000 Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC8126MP8000 Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC8126MP8000 Datasheet HTML 48Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
MSC8126 Quad Digital Signal Processor Data Sheet, Rev. 13
Revision History
Freescale Semiconductor
46
7
Revision History
Table 31 provides a revision history for this data sheet.
Table 31. Document Revision History
Revision
Date
Description
0
May 2004
• Initial release.
1
Jun. 2004
• Updated timing number 32b.
• Updated DSI timing specifications.
2
Sep 2004
• New orderable parts added with other core voltage and temperature options.
• Updated thermal characteristics.
• In Table 2-14, removed references to 30 pF.
• Design guidelines and layout recommendations updated.
3
Nov. 2004
• Added 500 MHz core and 166 MHz bus speed options.
• Definitions of GPIO[27–28] updated.
• Bus, TDM, and GPIO timing updated. I2C timing changed to GPIO timing.
• GPIO[27–28] connections updated. MWBEn replaced with correct name HWBEn.
• Design guidelines update.
4
Jan. 2005
• Package type changed to FC-PBGA for all frequencies.
• Low-voltage 300 MHz power changed to 1.1 V.
•HRESET and SRESET definitions updated.
• Undershoot and overshoot values added for VDDH.
• RMII timing updated.
• Design guidelines updated and reorganized.
5
May 2005
• Multiple AC timing specifications updated.
6
May 2005
• Multiple AC timing specifications updated.
7
Jul. 2005
• Multiple AC timing specifications updated.
8
Jul. 2005
• AC specification table layout modified.
9
Sep. 2005
• ETHTX_EN type and TRST description updated.
• Package drawing updated.
• Clock specifications updated.
• Start-up sequence updated.
10
Oct 2005
•VDDH + 10% changed to VDDH + 8% in Figure 2-1.
•VDDH +20% changed to VDDH + 17% in Figure 2-1.
11
Apr 2006
• Reset timing updated to reflect actual values in Table 2-11.
12
Oct. 2006
• Added new timings 17 and 18 for IRQ set time and pulse width in Table 2-13
13
Dec. 2007
• Converted to new data sheet format.
• Added PLL supply current to Table 5 in Section 2.4.
• Modified Figure 5 in Section 2.4 to make it clear that the time limits for undershoot referred to values
below –0.3 V and not GND.
• Added cross-references between Sections 2.5.2 and Section 3.1 and 3.2.
• Added power-sequence guidelines to Sections 2.5.2.
• Added CLKIN jitter characteristic specifications to Table 9.
• Added additional guidelines to prevent reverse current to Section 3.1.
• Added connectivity guidelines for DSI in sliding windows mode to Section 3.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com